Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 53Page - Cypress Semiconductor PSOC Datasheet HTML 54Page - Cypress Semiconductor PSOC Datasheet HTML 55Page - Cypress Semiconductor PSOC Datasheet HTML 56Page - Cypress Semiconductor PSOC Datasheet HTML 57Page - Cypress Semiconductor PSOC Datasheet HTML 58Page - Cypress Semiconductor PSOC Datasheet HTML 59Page - Cypress Semiconductor PSOC Datasheet HTML 60Page - Cypress Semiconductor PSOC Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 148 page
background image
Digital PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
57
9.3.4
Digital Communications Type A Block xx Control Register 0 When Used as UART Trans-
mitter
Digital Communications Type A 04 Control Register 0
(DCA04CR0, Address = Bank 0, 33h)
Digital Communications Type A 05 Control Register 0
(DCA05CR0, Address = Bank 0, 37h)
Digital Communications Type A Block 06 Control Register 0
(DCA06CR0, Address = Bank 0, 3Bh)
Digital Communications Type A Block 07 Control Register 0
(DCA07CR0, Address = Bank 0, 3Fh)
Table 56:
Digital Communications Type A Block xx Control Register 0...
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
--
--
R
R
--
RW
RW
RW
Bit Name
Reserved
Reserved
TX Complete
TX Reg
Empty
Reserved
Parity Type
Parity
Enable
Enable
Bit 7
: Reserved
Bit 6
: Reserved
Bit 5
: TX Complete
0 = Indicates that if a transmission has been initiated, it is still in progress
1 = Indicates that the current transmission is complete (including framing bits)
Optional interrupt source for TX UART. Reset when this register is read.
Bit 4
: TX Reg Empty
0 = Indicates TX Data register is not available to accept another byte (writing to register will cause data to be lost)
1 = Indicates TX Data register is available to accept another byte
Note that the interrupt does not occur until at least 1 byte has been previously written to the TX Data Register
Default interrupt source for TX UART. Reset when the TX Data Register (Data Register 1) is written.
Bit 3
: Reserved
Bit 2
: Parity Type
0 = Even
1 = Odd
Bit 1
: Parity Enable
0 = Parity Disabled
1 = Parity Enabled
Bit 0
: Enable
0 = Function Disabled
1 = Function Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com