Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 95Page - Cypress Semiconductor PSOC Datasheet HTML 96Page - Cypress Semiconductor PSOC Datasheet HTML 97Page - Cypress Semiconductor PSOC Datasheet HTML 98Page - Cypress Semiconductor PSOC Datasheet HTML 99Page - Cypress Semiconductor PSOC Datasheet HTML 100Page - Cypress Semiconductor PSOC Datasheet HTML 101Page - Cypress Semiconductor PSOC Datasheet HTML 102Page - Cypress Semiconductor PSOC Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
99
10.11 Analog Comparator Bus
Each analog column has a dedicated comparator bus
associated with it. Every analog PSoC block has a com-
parator output that can drive out on this bus, but the
comparator output from only one analog block in a col-
umn can be actively driving the comparator bus for that
column at any one time. The output on the comparator
bus can drive into the digital blocks, and is also available
to be read in the Analog Comparator Control Register
(CMP_CR, Address = Bank 0,64H).
The comparator bus is latched before it is available to
either drive the digital blocks, or be read in the Analog
Comparator Control Register. The latch for each compar-
ator bus is transparent (the output tracks the input) dur-
ing the high period of PHI2. During the low period of
PHI2 the latch retains the value on the comparator bus
during the high to low transition of PHI2.
The output from the analog block that is actively driving
the bus may also be latched internal to the analog block
itself.
In the Continuous Time analog blocks, the CPhase and
CLatch bits inside the Analog Continuous Time Type A
Block xx Control Register 2 determine whether the out-
put signal on the comparator bus is latched inside the
block, and if it is, which clock phase it is latched on.
In the Switched Capacitor analog blocks, the output on
the comparator bus is always latched. The ClockPhase
bit in the Analog SwitchCap Type A Block xx Control
Register 0 or the Analog SwitchCap Type B Block xx
Control Register 0 determines the phase on which this
data is latched and available.
Analog Comparator Control Register (CMP_CR, Address = Bank 0, 64h)
10.12 Analog Synchronization
For high precision analog operation, it may be necessary
to precisely time when updated register values are avail-
able to the analog PSOC blocks. The optimum time to
update values in Switch Cap registers is at the beginning
of the PHI1 active period. The SYNCEN bit in the Analog
Synchronization Control Register is designed to address
this. (The AINT bits of the Analog Comparator Register
(CMP_CR) are another way to address it with interrupts.)
When the SYNCEN bit is set, a subsequent write instruc-
tion to any register in a Switch Cap block will cause the
CPU to stall until the rising edge of PHI1. This mode is in
effect until the SYNCEN bit is cleared.
Table 76:
Analog Comparator Control Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
R
R
R
R
RW
RW
RW
RW
Bit Name
COMP 3
COMP 2
COMP 1
COMP 0
AINT 3
AINT 2
AINT 1
AINT 0
Bit 7: COMP 3 COMP 3 bit [0] indicates the state of the analog comparator bus for the Analog Column x
Bit 6: COMP 2 COMP 2 bit [0] indicates the state of the analog comparator bus for the Analog Column x
Bit 5: COMP 1 COMP 1 bit [0] indicates the state of the analog comparator bus for the Analog Column x
Bit 4: COMP 0 COMP 0 bit [0] indicates the state of the analog comparator bus for the Analog Column x
Bit 3: AINT 3 AINT 3 bit [0] or [1] (as defined below) selects the Analog Interrupt Source for the Analog Column x
Bit 2: AINT 2 AINT 2 bit [0] or [1] (as defined below) selects the Analog Interrupt Source for the Analog Column x
Bit 1: AINT 1 AINT 1 bit [0] or [1] (as defined below) selects the Analog Interrupt Source for the Analog Column x
Bit 0: AINT 0 AINT 0 bit [0] or [1] (as defined below) selects the Analog Interrupt Source for the Analog Column x
0 = Comparator bus
1 = PHI2 (Falling edge of PHI2 causes an interrupt)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com