Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 88Page - Cypress Semiconductor PSOC Datasheet HTML 89Page - Cypress Semiconductor PSOC Datasheet HTML 90Page - Cypress Semiconductor PSOC Datasheet HTML 91Page - Cypress Semiconductor PSOC Datasheet HTML 92Page - Cypress Semiconductor PSOC Datasheet HTML 93Page - Cypress Semiconductor PSOC Datasheet HTML 94Page - Cypress Semiconductor PSOC Datasheet HTML 95Page - Cypress Semiconductor PSOC Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 148 page
background image
Cypress MicroSystems CY8C25122/CY8C26233/CY8C26443/CY8C26643 Family Data Sheet
92
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
September 5, 2002
10.10 Analog Switch Cap Type B PSoC Blocks
10.10.1
Introduction
The Analog Switch Cap Type B PSoC blocks are built
around an operational amplifier. There are several ana-
log muxes that are controlled by register-bit settings in
the control registers that determine the signal topology
inside the block. There are also four arrays of unit value
capacitors that are located in the feedback path for the
op-amp, and are switched by two phase clocks, PHI1
and PHI2. These four capacitor arrays are labeled A Cap
Array, B Cap Array, C Cap Array, and F Cap Array. There
is also an analog comparator connected to the output
OUT, which converts analog comparisons into digital sig-
nals.
There are three discrete outputs from this block. These
outputs are:
1.
The analog output bus (ABUS), which is an analog
bus resource that is shared by all of the analog
blocks in the analog column for that block.
2.
The comparator bus (CBUS), which is a digital bus
that is a resource that is shared by all of the analog
blocks in a column for that block.
3.
The output bus (OUT), which is an analog bus
resource that is shared by all of the analog blocks in
a column and connects to one of the analog output
buffers, to send a signal externally to the device.
The SCB block also supports Delta-Sigma, Successive
Approximation and Incremental A/D Conversion, Capaci-
tor DACs, and SC filters. It has two input arrays of
switched capacitors, and a Non-Switched capacitor feed-
back array from the output. When preceded by an SC
Block A Integrator, the combination can be used to pro-
vide a full Switched Capacitor Biquad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com