Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 11Page - Cypress Semiconductor PSOC Datasheet HTML 12Page - Cypress Semiconductor PSOC Datasheet HTML 13Page - Cypress Semiconductor PSOC Datasheet HTML 14Page - Cypress Semiconductor PSOC Datasheet HTML 15Page - Cypress Semiconductor PSOC Datasheet HTML 16Page - Cypress Semiconductor PSOC Datasheet HTML 17Page - Cypress Semiconductor PSOC Datasheet HTML 18Page - Cypress Semiconductor PSOC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 148 page
background image
Functional Overview
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
15
1.2
Pin-out Descriptions
Table 2:
Pin-out 8 Pin
Name
I/O
Pin
Description
P0[7]
I/O
1 Port 0[7] (Analog Input)
P0[5]
I/O
2 Port 0[5] (Analog Input/Output)
P1[1]
I/O
3 Port 1[1] / XtalIn / SCLK
Vss
Power
4 Ground
P1[0]
I/O
5 Port 1[0] / XtalOut / SDATA
P0[2]
I/O
6 Port 0[2] (Analog Input/Output)
P0[4]
I/O
7 Port 0[4] (Analog Input/Output)
Vcc
Power
8 Supply Voltage
Figure 2: CY8C25122
1
2
3
4
8
7
6
5
P0[7]
P0[5]
XtalIn/SCLK/P1[1]
P0[4]
P0[2]
P1[0]/XtalOut/SDATA
Vss
Vcc
Table 3:
Pin-out 20 Pin
Name
I/O
Pin
Description
P0[7]
I/O
1 Port 0[7] (Analog Input)
P0[5]
I/O
2 Port 0[5] (Analog Input/Output)
P0[3]
I/O
3 Port 0[3] (Analog Input/Output)
P0[1]
I/O
4 Port 0[1] (Analog Input)
SMP
O
5 Switch Mode Pump
P1[7]
I/O
6 Port 1[7]
P1[5]
I/O
7 Port 1[5]
P1[3]
I/O
8 Port 1[3]
P1[1]
I/O
9 Port 1[1] / XtalIn / SCLK
Vss
Power
10 Ground
P1[0]
I/O
11 Port 1[0] / XtalOut / SDATA
P1[2]
I/O
12 Port 1[2]
P1[4]
I/O
13 Port 1[4]
P1[6]
I/O
14 Port 1[6]
XRES I
15 External Reset
P0[0]
I/O
16 Port 0[0] (Analog Input)
P0[2]
I/O
17 Port 0[2] (Analog Input/Output)
P0[4]
I/O
18 Port 0[4] (Analog Input/Output)
P0[6]
I/O
19 Port 0[6] (Analog Input)
Vcc
Power
20 Supply Voltage
Figure 3: CY8C26233
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
P0[7]
P0[5]
P0[3]
P0[1]
SMP
P1[7]
P1[5]
P1[3]
XtalIn/SCLK/P1[1]
P0[6]
P0[4]
P0[2]
P0[0]
P1[6]
P1[4]
P1[2]
P1[0]/XtalOut/SDATA
Vss
Vcc
XRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com