Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
170
AIF1 - SIGNAL PATH ENABLE
The AIF1 interface supports up to four input channels and up to four output channels. All enabled
channels are transmitted (on ADCDAT) or received (on DACDAT) sequentially, using time division
multiplexing (TDM).
Each of the available channels can be enabled or disabled using the register bits defined in Table 88.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Management
(4)
11
AIF1ADC2L
_ENA
0
Enable AIF1ADC2 (Left) output path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
10
AIF1ADC2R
_ENA
0
Enable AIF1ADC2 (Right) output path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
9
AIF1ADC1L
_ENA
0
Enable AIF1ADC1 (Left) output path (AIF1,
Timeslot 0)
0 = Disabled
1 = Enabled
8
AIF1ADC1R
_ENA
0
Enable AIF1ADC1 (Right) output path (AIF1,
Timeslot 0)
0 = Disabled
1 = Enabled
R5 (0005h)
Power
Management
(5)
11
AIF1DAC2L
_ENA
0
Enable AIF1DAC2 (Left) input path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
10
AIF1DAC2R
_ENA
0
Enable AIF1DAC2 (Right) input path (AIF1,
Timeslot 1)
0 = Disabled
1 = Enabled
9
AIF1DAC1L
_ENA
0
Enable AIF1DAC1 (Left) input path (AIF1,
Timeslot 0)
0 = Disabled
1 = Enabled
8
AIF1DAC1R
_ENA
0
Enable AIF1DAC1 (Right) input path (AIF1,
Timeslot 0)
0 = Disabled
1 = Enabled
Table 88 AIF1 Signal Path Enable
AIF1 - BCLK AND LRCLK CONTROL
The BCLK1 frequency is controlled relative to AIF1CLK by the AIF1_BCLK_DIV divider. See
“Clocking and Sample Rates” for details of the AIF1 clock, AIF1CLK.
The LRCLK1 frequency is controlled relative to BCLK1 by the AIF1DAC_RATE divider.
In Master mode, the LRCLK1 output is generated by the WM8994 when any of the AIF1 channels is
enabled. (Note that, when GPIO1 is configured as ADCLRCLK1, then only the AIF1 DAC channels
will cause LRCLK1 to be output.)
In Slave mode, the LRCLK1 output is disabled by default to allow another digital audio interface to
drive this pin. It is also possible to force the LRCLK1 signal to be output, using the
AIF1DAC_LRCLK_DIR or AIF1ADC_LRCLK_DIR register bits, allowing mixed master and slave
modes. (Note that, when GPIO1 is configured as ADCLRCLK1, then only the AIF1DAC_LRCLK_DIR
bit will force the LRCLK1 signal.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com