Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 173 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 173 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 177Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 359 page
background image
Production Data
WM8994
w
PD, April 2012, Rev 4.4
173
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10:0
AIF1DAC_R
ATE [10:0]
040h
LRCLK1 Rate
LRCLK1 clock output =
BCLK1 / AIF1DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Table 89 AIF1 BCLK and LRCLK Control
AIF1 - DIGITAL AUDIO DATA CONTROL
The register bits controlling the audio data format, word length, left/right channel selection and TDM
control for AIF1 are described in Table 90.
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK following a rising edge of LRCLK (assuming default BCLK polarity). This is selected using
the AIF1_LRCLK_INV register bit, as described in Table 89.
A digital gain function is available at the audio interface input path to boost the DAC volume when a
small signal is received on DACDAT1. This is controlled using the AIF1DAC_BOOST register. To
prevent clipping, this function should not be used when the boosted data is expected to be greater
than 0dBFS.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768 (0300h)
AIF1 Control
(1)
15
AIF1ADCL_
SRC
0
AIF1 Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIF1ADCR_
SRC
1
AIF1 Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
13
AIF1ADC_T
DM
0
AIF1 transmit (ADC) TDM Control
0 = ADCDAT1 drives logic ‘0’ when not
transmitting data
1 = ADCDAT1 is tri-stated when not
transmitting data
6:5
AIF1_WL
[1:0]
10
AIF1 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the
“Companding” control bits.
4:3
AIF1_FMT
[1:0]
10
AIF1 Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
R769 (0301h)
AIF1 Control
(2)
15
AIF1DACL_
SRC
0
AIF1 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF1DACR_
SRC
1
AIF1 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com