Electronic Components Datasheet Search
  English  ▼

X  

WM8994 Datasheet(PDF) 166 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 166 Page - Wolfson Microelectronics plc

Back Button WM8994 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 170Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 359 page
background image
WM8994
Production Data
w
PD, April 2012, Rev 4.4
166
n
n-1
n-2
3
2
1
n
n-1
n-2
3
2
1
LEFT CHANNEL
RIGHT CHANNEL
MSB
LSB
Input Word Length (WL)
1/fs
LRCLK
BCLK
DACDAT/
ADCDAT
Figure 54 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Master)
Figure 55 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Slave)
Figure 56 DSP Mode Audio Interface (mode B, AIF_LRCLK_INV=1, Slave)
Mono mode operation is available in DSP interface mode. When Mono mode is enabled, the audio
data is transmitted or received starting on either the 1
st (mode B) or 2nd (mode A) rising edge of BCLK
following a rising edge of LRCLK.
PCM operation is supported in DSP interface mode. WM8994 ADC data that is output on the Left
Channel will be read as mono PCM data by the receiving equipment. Mono PCM data received by the
WM8994 will be treated as Left Channel data. This data may be routed to the Left/Right DACs using
the control fields described in the “Digital Mixing” and “Digital Audio Interface Control” sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com