Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 36Page - Texas Instruments TMS320C6711 Datasheet HTML 37Page - Texas Instruments TMS320C6711 Datasheet HTML 38Page - Texas Instruments TMS320C6711 Datasheet HTML 39Page - Texas Instruments TMS320C6711 Datasheet HTML 40Page - Texas Instruments TMS320C6711 Datasheet HTML 41Page - Texas Instruments TMS320C6711 Datasheet HTML 42Page - Texas Instruments TMS320C6711 Datasheet HTML 43Page - Texas Instruments TMS320C6711 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
CPU CSR register description (continued)
Table 19. CPU CSR Register Bit Field Description
BIT #
NAME
DESCRIPTION
31:24
CPU ID
CPU ID + REV ID. Read only.
Identifies which CPU is used and defines the silicon revision of the CPU.
23:16
REVISION ID
CPU ID + REVISION ID (31:16) are combined for a value of: 0x0202 for C6711/11B and 0x0203 for
C6711C/11D
15:10
PWRD
Control power-down modes. The values are always read as zero.
000000 = no power-down (default)
001001 = PD1, wake-up by an enabled interrupt
010001 = PD1, wake-up by an enabled or not enabled interrupt
011010
= PD2, wake-up by a device reset
011100
= PD3, wake-up by a device reset
Others
= Reserved
9
SAT
Saturate bit.
Set when any unit performs a saturate. This bit can be cleared only by the MVC instruction and can
be set only by a functional unit. The set by the a functional unit has priority over a clear (by the MVC
instruction) if they occur on the same cycle. The saturate bit is set one full cycle (one delay slot) after
a saturate occurs. This bit will not be modified by a conditional instruction whose condition is false.
8
EN
Endian bit. This bit is read-only.
Depicts the device endian mode.
0 = Big Endian mode.
1 = Little Endian mode [default].
7:5
PCC
Program Cache control mode.
L1D, Level 1 Program Cache
000/010 =
Cache Enabled / Cache accessed and updated on reads.
All other PCC values reserved.
4:2
DCC
Data Cache control mode.
L1D, Level 1 Data Cache
000/010 =
Cache Enabled / 2-Way Cache
All other DCC values reserved
1
PGIE
Previous GIE (global interrupt enable); saves the Global Interrupt Enable (GIE) when an interrupt is
taken. Allows for proper nesting of interrupts.
0 = Previous GIE value is 0. (default)
1 = Previous GIE value is 1.
0
GIE
Global interrupt enable bit.
Enables (1) or disables (0) all interrupts except the reset interrupt and NMI (nonmaskable interrupt).
0 = Disables all interrupts (except the reset interrupt and NMI) [default]
1 = Enables all interrupts (except the reset interrupt and NMI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com