Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 41Page - Texas Instruments TMS320C6711 Datasheet HTML 42Page - Texas Instruments TMS320C6711 Datasheet HTML 43Page - Texas Instruments TMS320C6711 Datasheet HTML 44Page - Texas Instruments TMS320C6711 Datasheet HTML 45Page - Texas Instruments TMS320C6711 Datasheet HTML 46Page - Texas Instruments TMS320C6711 Datasheet HTML 47Page - Texas Instruments TMS320C6711 Datasheet HTML 48Page - Texas Instruments TMS320C6711 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
EDMA module and EDMA selector [C6711C/11D only]
The C67x EDMA for the C6711C/C6711D device also supports up to 16 EDMA channels. Four of the sixteen
channels (channels 8−11) are reserved for EDMA chaining, leaving 12 EDMA channels available to service
peripheral devices. On the C6711C/C6711D device, the user, through the EDMA selector registers, can control
the EDMA channels servicing peripheral devices.
The EDMA selector registers are located at addresses 0x01A0FF00 (ESEL0), 0x01A0FF04 (ESEL1), and
0x01A0FF0C (ESEL3). These EDMA selector registers control the mapping of the EDMA events to the EDMA
channels. Each EDMA event has an assigned EDMA selector code (see Table 26). By loading each EVTSELx
register field with an EDMA selector code, users can map any desired EDMA event to any specified EDMA
channel. Table 25 lists the default EDMA selector value for each EDMA channel.
See Table 27 and Table 28 for the EDMA Event Selector registers and their associated bit descriptions.
Table 25. EDMA Channels [C6711C/C6711D Only]
Table 26. EDMA Selector [11C/11D Only]
EDMA
CHANNEL
EDMA
SELECTOR
CONTROL
REGISTER
DEFAULT
SELECTOR
VALUE
(BINARY)
DEFAULT
EDMA
EVENT
EDMA
SELECTOR
CODE (BINARY)
EDMA
EVENT
MODULE
0
ESEL0[5:0]
000000
DSPINT
000000
DSPINT
HPI
1
ESEL0[13:8]
000001
TINT0
000001
TINT0
TIMER0
2
ESEL0[21:16]
000010
TINT1
000010
TINT1
TIMER1
3
ESEL0[29:24]
000011
SDINT
000011
SDINT
EMIF
4
ESEL1[5:0]
000100
GPINT4†
000100
GPINT4†
GPIO
5
ESEL1[13:8]
000101
GPINT5†
000101
GPINT5†
GPIO
6
ESEL1[21:16]
000110
GPINT6†
000110
GPINT6†
GPIO
7
ESEL1[29:24]
000111
GPINT7†
000111
GPINT7†
GPIO
8
−
−
TCC8 (Chaining)
001000
Reserved
9
−
−
TCC9 (Chaining)
001001
Reserved
10
−
−
TCC10 (Chaining)
001010
GPINT2
GPIO
11
−
−
TCC11 (Chaining)
001011
Reserved
12
ESEL3[5:0]
001100
XEVT0
001100
XEVT0
McBSP0
13
ESEL3[13:8]
001101
REVT0
001101
REVT0
McBSP0
14
ESEL3[21:16]
001110
XEVT1
001110
XEVT1
McBSP1
15
ESEL3[29:24]
001111
REVT1
001111
REVT1
McBSP1
010000−111111
Reserved
† The GPINT[4−7] interrupt events are sourced from the GPIO module via the external interrupt capable GP[4−7] pins [11C/11D only].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com