Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 55Page - Texas Instruments TMS320C6711 Datasheet HTML 56Page - Texas Instruments TMS320C6711 Datasheet HTML 57Page - Texas Instruments TMS320C6711 Datasheet HTML 58Page - Texas Instruments TMS320C6711 Datasheet HTML 59Page - Texas Instruments TMS320C6711 Datasheet HTML 60Page - Texas Instruments TMS320C6711 Datasheet HTML 61Page - Texas Instruments TMS320C6711 Datasheet HTML 62Page - Texas Instruments TMS320C6711 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table 38. Characteristics of the Power-Down Modes
PRWD FIELD
(BITS 15−10)
POWER-DOWN
MODE
WAKE-UP METHOD
EFFECT ON CHIP’S OPERATION
000000
No power-down
—
—
001001
PD1
Wake by an enabled interrupt
CPU halted (except for the interrupt logic)
Power-down mode blocks the internal clock inputs at the
010001
PD1
Wake by an enabled or
non-enabled interrupt
Power down mode blocks the internal clock inputs at the
boundary of the CPU, preventing most of the CPU’s logic from
switching. During PD1, EDMA transactions can proceed
between peripherals and internal memory.
011010
PD2†
Wake by a device reset
Output clock from PLL is halted, stopping the internal clock
structure from switching and resulting in the entire chip being
halted. All register and internal RAM contents are preserved. All
functional I/O “freeze” in the last state when the PLL clock is
turned off.
011100
PD3†
Wake by a device reset
Input clock to the PLL stops generating clocks. All register and
internal RAM contents are preserved. All functional I/O “freeze” in
the last state when the PLL clock is turned off. Following reset, the
PLL needs time to re-lock, just as it does following power-up.
Wake-up from PD3 takes longer than wake-up from PD2 because
the PLL needs to be re-locked, just as it does following power-up.
All others
Reserved
—
—
† When entering PD2 and PD3, all functional I/O remains in the previous state. However, for peripherals which are asynchronous in nature or
peripherals with an external clock source, output signals may transition in response to stimulus on the inputs. Under these conditions,
peripherals will not operate according to specifications.
On C6711D silicon revision 2.0 and C6711C silicon revision 1.1, the device includes a programmable PLL which
allows software control of PLL bypass via the PLLEN bit in the PLLCSR register. With this enhanced functionality
come some additional considerations when entering power-down modes.
The power-down modes (PD2 and PD3) function by disabling the PLL to stop clocks to the device. However,
if the PLL is bypassed (PLLEN = 0), the device will still receive clocks from the external clock input (CLKIN).
Therefore, bypassing the PLL makes the power-down modes PD2 and PD3 ineffective.
Make sure that the PLL is enabled by writing a “1” to PLLEN bit (PLLCSR.0) before writing to either PD3
(CSR.11) or PD2 (CSR.10) to enter a power-down mode.
power-supply sequencing
TI DSPs do not require specific power sequencing between the core supply and the I/O supply. However,
systems should be designed to ensure that neither supply is powered up for extended periods of time
(>1 second) if the other supply is below the proper operating voltage.
system-level design considerations
System-level design considerations, such as bus contention, may require supply sequencing to be
implemented. In this case, for C6711/11B, the core supply should be powered up at the same time as, or prior
to (and powered down after) the I/O buffers. For C6711C/11D, the core supply should be powered up prior to
(and powered down after) the I/O buffers. This is to ensure that the I/O buffers receive valid inputs from the core
before the output buffers are powered up, thus, preventing bus contention with other chips on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com