Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 56Page - Texas Instruments TMS320C6711 Datasheet HTML 57Page - Texas Instruments TMS320C6711 Datasheet HTML 58Page - Texas Instruments TMS320C6711 Datasheet HTML 59Page - Texas Instruments TMS320C6711 Datasheet HTML 60Page - Texas Instruments TMS320C6711 Datasheet HTML 61Page - Texas Instruments TMS320C6711 Datasheet HTML 62Page - Texas Instruments TMS320C6711 Datasheet HTML 63Page - Texas Instruments TMS320C6711 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
60
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
power-supply design considerations
A dual-power supply with simultaneous sequencing can be used to eliminate the delay between core and I/O
power up. A Schottky diode can also be used to tie the core rail to the I/O rail (see Figure 15).
DVDD
CVDD
VSS
C6000
DSP
Schottky
Diode
I/O Supply
Core Supply
GND
Figure 15. Schottky Diode Diagram
Core and I/O supply voltage regulators should be located close to the DSP (or DSP array) to minimize
inductance and resistance in the power delivery path. Additionally, when designing for high-performance
applications utilizing the C6000 platform of DSPs, the PC board should include separate power planes for
core, I/O, and ground, all bypassed with high-quality low-ESL/ESR capacitors.
C6711/11B device applicable only
On systems using C62x and C67x DSPs, like the C6711/C6711B device, the core may consume in excess of
2 A per DSP until the I/O supply powers on. This extra current results from uninitialized logic within the DSP(s).
A normal current state returns once the I/O power supply turns on and the CPU sees a clock pulse. Decreasing
the amount of time between the core supply power-up and the I/O supply power-up reduces the effects of the
current draw. If the external supply to the DSP core cannot supply the excess current, the minimum core voltage
may not be achieved until after normal current returns. This voltage starvation of the core supply during power
up will not affect run-time operation. Voltage starvation can affect power supply systems that gate the I/O supply
via the core supply, causing the I/O supply to never turn on. During the transition from excess to normal current,
a voltage spike may be seen on the core supply. Care must be taken when designing overvoltage protection
circuitry on the core supply to not restart the power sequence due to this spike. Otherwise, the supply may cycle
indefinitely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com