Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 75Page - Texas Instruments TMS320C6711 Datasheet HTML 76Page - Texas Instruments TMS320C6711 Datasheet HTML 77Page - Texas Instruments TMS320C6711 Datasheet HTML 78Page - Texas Instruments TMS320C6711 Datasheet HTML 79Page - Texas Instruments TMS320C6711 Datasheet HTML 80Page - Texas Instruments TMS320C6711 Datasheet HTML 81Page - Texas Instruments TMS320C6711 Datasheet HTML 82Page - Texas Instruments TMS320C6711 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
79
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SYNCHRONOUS-BURST MEMORY TIMING
timing requirements for synchronous-burst SRAM cycles† (see Figure 32) [C6711]
NO
C6711-100
C6711-150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
6
2.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.1‡
2.1‡
ns
timing requirements for synchronous-burst SRAM cycles† (see Figure 32) [C6711B]
NO.
C6711B-100
C6711BGFNA-100
C6711B-150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
6
2.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.5
2.5
ns
timing requirements for synchronous-burst SRAM cycles† (see Figure 32) [C6711C/C6711D]
NO.
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
1.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.5
ns
† The C6711/11B/11C/11D SBSRAM interface takes advantage of the internal burst counter in the SBSRAM. Accesses default to incrementing
4-word bursts, but random bursts and decrementing bursts are done by interrupting bursts in progress. All burst types can sustain continuous
data flow.
‡ Make sure the external SBSRAM meets the timing specifications of the C6711 device. Delays or buffers may be needed to compensate for any
timing differences. IBIS analysis should be used to correctly model the system interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com