Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 61Page - Texas Instruments TMS320C6711 Datasheet HTML 62Page - Texas Instruments TMS320C6711 Datasheet HTML 63Page - Texas Instruments TMS320C6711 Datasheet HTML 64Page - Texas Instruments TMS320C6711 Datasheet HTML 65Page - Texas Instruments TMS320C6711 Datasheet HTML 66Page - Texas Instruments TMS320C6711 Datasheet HTML 67Page - Texas Instruments TMS320C6711 Datasheet HTML 68Page - Texas Instruments TMS320C6711 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions‡
MIN
NOM
MAX
UNIT
(C6711D−250 only)
1.33
1.4
1.47
V
CV
Supply voltage Core
(C6711C/C6711D only)
1.14§
1.20§
1.32
V
CVDD
Supply voltage, Core
(C6711B and C6711-100)
1.71
1.8
1.89
V
(C6711-150 only)
1.8
1.9
2
V
DV
Supply voltage I/O
(C6711C/C6711D only)
3.13
3.3
3.47
V
DVDD
Supply voltage, I/O
(C6711 and C6711B)
3.14
3.3
3.46
V
VSS
Supply ground
0
0
0
V
High-level input voltage
All signals except CLKS1, DR1, and RESET
2
VIH
High level input voltage
(C6711C/C6711D only)
CLKS1, DR1, and RESET
2
V
VIH
High-level input voltage (C6711/11B)
2
V
Low-level input voltage
All signals except CLKS1, DR1, and RESET
0.8
VIL
Low level input voltage
(C6711C/C6711D only)
CLKS1, DR1, and RESET
0.3*DVDD
V
VIL
Low-level input voltage (C6711/11B)
0.8
V
High-level output current
All signals except CLKOUT1, CLKOUT2, and ECLKOUT
–4
High level output current
(C6711/11B)
CLKOUT1, CLKOUT2, and ECLKOUT
–8
I
High-level output current
(C6711C)
All signals except ECLKOUT, CLKOUT2, CLKOUT3,
CLKS1, and DR1
–8
mA
IOH
(C6711C)
ECLKOUT, CLKOUT2, and CLKOUT3
–16
High-level output current
(C6711D)§
All signals except ECLKOUT, CLKOUT2, CLKS1, and
DR1
–8
mA
(C6711D)§
ECLKOUT and CLKOUT2
–16
mA
Low-level output current
All signals except CLKOUT1, CLKOUT2, and ECLKOUT
4
mA
Low level output current
(C6711/11B)
CLKOUT1, CLKOUT2, and ECLKOUT
8
mA
Low-level output current
All signals except ECLKOUT, CLKOUT2, CLKOUT3,
CLKS1, and DR1
8
mA
I
Low-level output current
(C6711C)§
ECLKOUT, CLKOUT2, and CLKOUT3
16
mA
IOL
(C6711C)
CLKS1 and DR1
3
mA
Low-level output current
All signals except ECLKOUT, CLKOUT2, CLKS1, and
DR1
8
mA
Low-level output current
(C6711D)§
ECLKOUT and CLKOUT2
16
mA
(C6711D)
CLKS1 and DR1
3
mA
T
Operating case
Default
0
90
_C
TC
Operating case
temperature
A version (C6711BGFNA and C6711CGDPA only)
–40
105
_C
‡ For the C6711/11B device, the core supply should be powered up at the same time as, or prior to (and powered down after), the I/O supply. For
the C6711C/11D device, the core supply should be powered up prior to (and powered down after), the I/O supply. Systems should be designed
to ensure that neither supply is powered up for an extended period of time if the other supply is below the proper operating voltage.
§ These values are compatible with existing 1.26V designs.
Refers to DC (or steady state) currents only, actual switching currents are higher. For more details, see the device-specific IBIS models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com