Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 39Page - Texas Instruments TMS320C6711 Datasheet HTML 40Page - Texas Instruments TMS320C6711 Datasheet HTML 41Page - Texas Instruments TMS320C6711 Datasheet HTML 42Page - Texas Instruments TMS320C6711 Datasheet HTML 43Page - Texas Instruments TMS320C6711 Datasheet HTML 44Page - Texas Instruments TMS320C6711 Datasheet HTML 45Page - Texas Instruments TMS320C6711 Datasheet HTML 46Page - Texas Instruments TMS320C6711 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
interrupt sources and interrupt selector [11C/11D only]
The C67x DSP core on the C6711C/C6711D supports 16 prioritized interrupts, which are listed in Table 22. The
highest priority interrupt is INT_00 (dedicated to RESET) while the lowest priority is INT_15. The first four
interrupts are non-maskable and fixed. The remaining interrupts (4−15) are maskable and default to the interrupt
source listed in Table 22. However, their interrupt source may be reprogrammed to any one of the sources listed
in Table 23 (Interrupt Selector). Table 23 lists the selector value corresponding to each of the alternate interrupt
sources. The selector choice for interrupts 4−15 is made by programming the corresponding fields (listed in
Table 22) in the MUXH (address 0x019C0000) and MUXL (address 0x019C0004) registers.
Table 22. DSP Interrupts [C6711C/C6711D]
Table 23. Interrupt Selector [11C/11D]
DSP
INTERRUPT
NUMBER
INTERRUPT
SELECTOR
CONTROL
REGISTER
DEFAULT
SELECTOR
VALUE
(BINARY)
DEFAULT
INTERRUPT
EVENT
INTERRUPT
SELECTOR
VALUE
(BINARY)
INTERRUPT
EVENT
MODULE
INT_00
−
−
RESET
00000
DSPINT
HPI
INT_01
−
−
NMI
00001
TINT0
Timer 0
INT_02
−
−
Reserved
00010
TINT1
Timer 1
INT_03
−
−
Reserved
00011
SDINT
EMIF
INT_04
MUXL[4:0]
00100
GPINT4†
00100
GPINT4†
GPIO
INT_05
MUXL[9:5]
00101
GPINT5†
00101
GPINT5†
GPIO
INT_06
MUXL[14:10]
00110
GPINT6†
00110
GPINT6†
GPIO
INT_07
MUXL[20:16]
00111
GPINT7†
00111
GPINT7†
GPIO
INT_08
MUXL[25:21]
01000
EDMAINT
01000
EDMAINT
EDMA
INT_09
MUXL[30:26]
01001
EMUDTDMA
01001
EMUDTDMA
Emulation
INT_10
MUXH[4:0]
00011
SDINT
01010
EMURTDXRX
Emulation
INT_11
MUXH[9:5]
01010
EMURTDXRX
01011
EMURTDXTX
Emulation
INT_12
MUXH[14:10]
01011
EMURTDXTX
01100
XINT0
McBSP0
INT_13
MUXH[20:16]
00000
DSPINT
01101
RINT0
McBSP0
INT_14
MUXH[25:21]
00001
TINT0
01110
XINT1
McBSP1
INT_15
MUXH[30:26]
00010
TINT1
01111
RINT1
McBSP1
10000
GPINT0
GPIO
† Interrupt Events GPINT4, GPINT5, GPINT6, and GPINT7 are outputs from the GPIO module (GP). They originate from the device pins
GP[4](EXT_INT4), GP[5](EXT_INT5), GP[6](EXT_INT6), and GP[7](EXT_INT7). These pins can be used as edge-sensitive EXT_INTx
with polarity controlled by the External Interrupt Polarity Register (EXTPOL.[3:0]). The corresponding pins must first be enabled in the GPIO
module by setting the corresponding enable bits in the GP Enable Register (GPEN.[7:4]), and configuring them as inputs in the GP Direction
Register (GPDIR.[7:4]). These interrupts can be controlled through the GPIO module in addition to the simple EXTPOL.[3:0] bits. For more
information on interrupt control via the GPIO module, see the TMS320C6000 DSP General-Purpose Input/Output (GPIO) Reference Guide
(literature number SPRU584). [C6711C/C6711D only].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com