Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 88Page - Texas Instruments TMS320C6711 Datasheet HTML 89Page - Texas Instruments TMS320C6711 Datasheet HTML 90Page - Texas Instruments TMS320C6711 Datasheet HTML 91Page - Texas Instruments TMS320C6711 Datasheet HTML 92Page - Texas Instruments TMS320C6711 Datasheet HTML 93Page - Texas Instruments TMS320C6711 Datasheet HTML 94Page - Texas Instruments TMS320C6711 Datasheet HTML 95Page - Texas Instruments TMS320C6711 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
92
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
RESET TIMING [C6711/11B]
timing requirements for reset† (see Figure 43)
NO.
–100
–150
UNIT
NO.
MIN
MAX
UNIT
1
t
Width of the RESET pulse (PLL stable)‡
10P
ns
1
tw(RST)
Width of the RESET pulse (PLL needs to sync up)§
250
µs
14
tsu(HD)
Setup time, HD boot configuration bits valid before RESET high
2P
ns
15
th(HD)
Hold time, HD boot configuration bits valid after RESET high
2P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
‡ This parameter applies to CLKMODE x1 when CLKIN is stable, and applies to CLKMODE x4 when CLKIN and PLL are stable.
§ This parameter applies to CLKMODE x4 only (it does not apply to CLKMODE x1). The RESET signal is not connected internally to the clock PLL
circuit. The PLL, however, may need up to 250 µs to stabilize following device power up or after PLL configuration has been changed. During
that time, RESET must be asserted to ensure proper device operation. See the clock PLL section for PLL lock times.
HD[4:3] are the boot configuration pins during device reset.
switching characteristics over recommended operating conditions during reset†#|| (see Figure 43)
NO.
PARAMETER
–100
–150
−250 (6711D)
UNIT
MIN
MAX
2
td(RSTL-ECKI)
Delay time, RESET low to ECLKIN synchronized internally
2P + 3E
3P + 4E
ns
3
td(RSTH-ECKI)
Delay time, RESET high to ECLKIN synchronized internally
2P + 3E
3P + 4E
ns
4
td(RSTL-EMIFZHZ) Delay time, RESET low to EMIF Z group high impedance
2P + 3E
ns
5
td(RSTH-EMIFZV)
Delay time, RESET high to EMIF Z group valid
3P + 4E
ns
6
td(RSTL-EMIFHIV) Delay time, RESET low to EMIF high group invalid
2P + 3E
ns
7
td(RSTH-EMIFHV)
Delay time, RESET high to EMIF high group valid
3P + 4E
ns
8
td(RSTL-EMIFLIV)
Delay time, RESET low to EMIF low group invalid
2P + 3E
ns
9
td(RSTH-EMIFLV)
Delay time, RESET high to EMIF low group valid
3P + 4E
ns
10
td(RSTL-HIGHIV)
Delay time, RESET low to high group invalid
2P
ns
11
td(RSTH-HIGHV)
Delay time, RESET high to high group valid
4P
ns
12
td(RSTL-ZHZ)
Delay time, RESET low to Z group high impedance
2P
ns
13
td(RSTH-ZV)
Delay time, RESET high to Z group valid
2P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
# E = ECLKIN period in ns
|| EMIF Z group consists of:
EA[21:2], ED[31:0], CE[3:0], BE[3:0], ARE/SDCAS/SSADS, AWE/SDWE/SSWE, and AOE/SDRAS/SSOE
EMIF high group consists of: HOLDA
EMIF low group consists of:
BUSREQ
High group consists of:
HRDY and HINT
Z group consists of:
HD[15:0], CLKX0, CLKX1, FSX0, FSX1, DX0, DX1, CLKR0, CLKR1, FSR0, FSR1, TOUT0, and TOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com