Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 70Page - Texas Instruments TMS320C6711 Datasheet HTML 71Page - Texas Instruments TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments TMS320C6711 Datasheet HTML 74Page - Texas Instruments TMS320C6711 Datasheet HTML 75Page - Texas Instruments TMS320C6711 Datasheet HTML 76Page - Texas Instruments TMS320C6711 Datasheet HTML 77Page - Texas Instruments TMS320C6711 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
timing requirements for ECLKIN† (see Figure 28)
NO.
–100
–150
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tc(EKI)
Cycle time, ECLKIN
15
10
10
ns
2
tw(EKIH)
Pulse duration, ECLKIN high
6.8
4.5
4.5
ns
3
tw(EKIL)
Pulse duration, ECLKIN low
6.8
4.5
4.5
ns
4
tt(EKI)
Transition time, ECLKIN
2.2
2.2
3
ns
† The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
ECLKIN
1
2
3
4
4
Figure 28. ECLKIN Timings
switching characteristics over recommended operating conditions for ECLKOUTद
(see Figure 29)
NO.
PARAMETER
–100
–150
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
1
tc(EKO)
Cycle time, ECLKOUT
E − 0.7
E + 0.7
E − 0.9
E + 0.9
ns
2
tw(EKOH)
Pulse duration, ECLKOUT high
EH − 0.7
EH + 0.7
EH − 0.9
EH + 0.9
ns
3
tw(EKOL)
Pulse duration, ECLKOUT low
EL − 0.7
EL + 0.7
EL − 0.9
EL + 0.9
ns
4
tt(EKO)
Transition time, ECLKOUT
2
2
ns
5
td(EKIH-EKOH)
Delay time, ECLKIN high to ECLKOUT high
1
7
1
6.5
ns
6
td(EKIL-EKOL)
Delay time, ECLKIN low to ECLKOUT low
1
7
1
6.5
ns
‡ The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
§ E = ECLKIN period in ns
EH is the high period of ECLKIN in ns and EL is the low period of ECLKIN in ns.
5
6
1
2
3
ECLKIN
ECLKIN
ECLKOUT
4
4
Figure 29. ECLKOUT Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com