Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 90Page - Texas Instruments TMS320C6711 Datasheet HTML 91Page - Texas Instruments TMS320C6711 Datasheet HTML 92Page - Texas Instruments TMS320C6711 Datasheet HTML 93Page - Texas Instruments TMS320C6711 Datasheet HTML 94Page - Texas Instruments TMS320C6711 Datasheet HTML 95Page - Texas Instruments TMS320C6711 Datasheet HTML 96Page - Texas Instruments TMS320C6711 Datasheet HTML 97Page - Texas Instruments TMS320C6711 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
94
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
RESET TIMING [C6711C/11D]
timing requirements for reset†‡ (see Figure 44)
NO.
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
1
tw(RST)
Pulse duration, RESET
100
ns
13
tsu(HD)
Setup time, HD boot configuration bits valid before RESET high§
2P
ns
14
th(HD)
Hold time, HD boot configuration bits valid after RESET high§
2P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
‡ For the C6711C/C6711D device, the PLL is bypassed immediately after the device comes out of reset. The PLL Controller can be programmed
to change the PLL mode in software. For more detailed information on the PLL Controller, see the TMS320C6000 DSP Software-Programmable
Phase-Lock Loop (PLL) Controller Reference Guide
(literature number SPRU233).
§ The Boot and device configurations bits are latched asynchronously when RESET is transitioning high. The Boot and device configurations bits
consist of: HD[8, 4:3].
switching characteristics over recommended operating conditions during reset(see Figure 44)
NO.
PARAMETER
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
2
td(RSTH-ZV)
Delay time, external RESET high to internal reset
high and all signal groups valid#||
CLKMODE0 = 1
512 x CLKIN
period
ns
3a
td(RSTL-ECKOL)
Delay time, RESET low to ECLKOUT low (6711C)
0
ns
3b
td(RSTL-ECKOL)
Delay time, RESET low to ECLKOUT high impedance (6711D)
0
ns
4
td(RSTH-ECKOV)
Delay time, RESET high to ECLKOUT valid
6P
ns
5a
td(RSTL-CKO2IV)
Delay time, RESET low to CLKOUT2 invalid (6711C)
0
ns
5b
td(RSTL-CKO2IV)
Delay time, RESET low to CLKOUT2 high impedance (6711D)
0
ns
6
td(RSTH-CKO2V)
Delay time, RESET high to CLKOUT2 valid
6P
ns
7
td(RSTL-CKO3L)
Delay time, RESET low to CLKOUT3 low
0
ns
8
td(RSTH-CKO3V)
Delay time, RESET high to CLKOUT3 valid
6P
ns
9
td(RSTL-EMIFZHZ)
Delay time, RESET low to EMIF Z group high impedance||
0
ns
10
td(RSTL-EMIFLIV)
Delay time, RESET low to EMIF low group (BUSREQ) invalid||
0
ns
11
td(RSTL-Z1HZ)
Delay time, RESET low to Z group 1 high impedance||
0
ns
12
td(RSTL-Z2HZ)
Delay time, RESET low to Z group 2 high impedance||
0
ns
P = 1/CPU clock frequency in ns.
Note that while internal reset is asserted low, the CPU clock (SYSCLK1) period is equal to the input clock (CLKIN) period multiplied by 8. For
example, if the CLKIN period is 20 ns, then the CPU clock (SYSCLK1) period is 20 ns x 8 = 160 ns. Therefore, P = SYSCLK1 = 160 ns while
internal reset is asserted.
# The internal reset is stretched exactly 512 x CLKIN cycles if CLKIN is used (CLKMODE0 = 1). If the input clock (CLKIN) is not stable when RESET
is deasserted, the actual delay time may vary.
|| EMIF Z group consists of: EA[21:2], ED[31:0], CE[3:0], BE[3:0], ARE/SDCAS/SSADS, AWE/SDWE/SSWE, AOE/SDRAS/SSOE and
HOLDA
EMIF low group consists of: BUSREQ
Z group 1 consists of:
CLKR0, CLKR1, CLKX0, CLKX1, FSR0, FSR1, FSX0, FSX1, DX0, DX1, TOUT0, and TOUT1.
Z group 2 consists of:
All other HPI and GPIO signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com