Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 42Page - Texas Instruments TMS320C6711 Datasheet HTML 43Page - Texas Instruments TMS320C6711 Datasheet HTML 44Page - Texas Instruments TMS320C6711 Datasheet HTML 45Page - Texas Instruments TMS320C6711 Datasheet HTML 46Page - Texas Instruments TMS320C6711 Datasheet HTML 47Page - Texas Instruments TMS320C6711 Datasheet HTML 48Page - Texas Instruments TMS320C6711 Datasheet HTML 49Page - Texas Instruments TMS320C6711 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
EDMA module and EDMA selector [C6711C/11D only] (continued)
Table 27. EDMA Event Selector Registers (ESEL0, ESEL1, and ESEL3)
ESEL0 Register (0x01A0 FF00)
31
30 29
28 27
24 23
22 21
20 19
16
Reserved
EVTSEL3
Reserved
EVTSEL2
R−0
R/W−00 0011b
R−0
R/W−00 0010b
15
14 13
12 11
87
65
43
0
Reserved
EVTSEL1
Reserved
EVTSEL0
R−0
R/W−00 0001b
R−0
R/W−00 0000b
Legend: R = Read only, R/W = Read/Write; -n = value after reset
ESEL1 Register (0x01A0 FF04)
31
30 29
28 27
24 23
22 21
20 19
16
Reserved
EVTSEL7
Reserved
EVTSEL6
R−0
R/W−00 0111b
R−0
R/W−00 0110b
15
14 13
12 11
87
6 54 3
0
Reserved
EVTSEL5
Reserved
EVTSEL4
R−0
R/W−00 0101b
R−0
R/W−00 0100b
Legend: R = Read only, R/W = Read/Write; -n = value after reset
ESEL3 Register (0x01A0 FF0C)
31
30 29
28 27
24 23
22 21
20 19
16
Reserved
EVTSEL15
Reserved
EVTSEL14
R−0
R/W−00 1111b
R−0R/W−00 1110b
15
14 13
12 11
87
65
43
0
Reserved
EVTSEL13
Reserved
EVTSEL12
R−0
R/W−00 1101b
R−0
R/W−00 1100b
Legend: R = Read only, R/W = Read/Write; -n = value after reset
Table 28. EDMA Event Selection Registers (ESEL0, ESEL1, and ESEL3) Description
BIT #
NAME
DESCRIPTION
31:30
23:22
15:14
7:6
Reserved
Reserved. Read-only, writes have no effect.
29:24
21:16
13:8
5:0
EVTSELx
EDMA event selection bits for channel x. Allows mapping of the EDMA events to the EDMA channels.
The EVTSEL0 through EVTSEL15 bits correspond to the channels 0 to 15, respectively. These
EVTSELx fields are user−selectable. By configuring the EVTSELx fields to the EDMA selector value
of the desired EDMA sync event number (see Table 26), users can map any EDMA event to the
EDMA channel.
For example, if EVTSEL15 is programmed to 00 0001b (the EDMA selector code for TINT0), then
channel 15 is triggered by Timer0 TINT0 events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com