Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 86Page - Texas Instruments TMS320C6711 Datasheet HTML 87Page - Texas Instruments TMS320C6711 Datasheet HTML 88Page - Texas Instruments TMS320C6711 Datasheet HTML 89Page - Texas Instruments TMS320C6711 Datasheet HTML 90Page - Texas Instruments TMS320C6711 Datasheet HTML 91Page - Texas Instruments TMS320C6711 Datasheet HTML 92Page - Texas Instruments TMS320C6711 Datasheet HTML 93Page - Texas Instruments TMS320C6711 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
90
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOLD/HOLDA TIMING
timing requirements for the HOLD/HOLDA cycles† (see Figure 41)
NO.
–100
–150
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
MIN
MAX
3
th(HOLDAL-HOLDL)
Hold time, HOLD low after HOLDA low
E
E
ns
† E = ECLKIN period in ns
switching characteristics over recommended operating conditions for the HOLD/HOLDA cycles†‡
(see Figure 41) [C6711/C6711B]
NO.
PARAMETER
–100
–150
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIF Bus high impedance
2E
§
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
0
2E
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E
7E
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to HOLDA high
0
2E
ns
switching characteristics over recommended operating conditions for the HOLD/HOLDA cycles†‡
(see Figure 41) [C6711C/C6711D]
NO.
PARAMETER
11CGDPA-167
11C−200
11DGDPA-167
11D−200
11D−250
UNIT
MIN
MAX
MIN
MAX
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIF Bus high impedance
2E
§
2E
§
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
−0.1
2E
0
2E
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E
7E
2E
7E
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to HOLDA high
−1.5
2E
0
2E
ns
† E = ECLKIN period in ns
‡ EMIF Bus consists of CE[3:0], BE[3:0], ED[31:0], EA[21:2], ARE/SDCAS/SSADS, AOE/SDRAS/SSOE, and AWE/SDWE/SSWE.
§ All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the minimum delay
time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
HOLD
HOLDA
EMIF Bus†
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
C67x
C67x
1
3
25
4
† EMIF Bus consists of CE[3:0], BE[3:0], ED[31:0], EA[21:2], ARE/SDCAS/SSADS, AOE/SDRAS/SSOE, and AWE/SDWE/SSWE.
Figure 41. HOLD/HOLDA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com