Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 69 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 65Page - Texas Instruments TMS320C6711 Datasheet HTML 66Page - Texas Instruments TMS320C6711 Datasheet HTML 67Page - Texas Instruments TMS320C6711 Datasheet HTML 68Page - Texas Instruments TMS320C6711 Datasheet HTML 69Page - Texas Instruments TMS320C6711 Datasheet HTML 70Page - Texas Instruments TMS320C6711 Datasheet HTML 71Page - Texas Instruments TMS320C6711 Datasheet HTML 72Page - Texas Instruments TMS320C6711 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
69
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION (CONTINUED)
signal transition levels
All input and output timing parameters are referenced to 1.5 V for both “0” and “1” logic levels.
Vref = 1.5 V
Figure 20. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, and
VOL MAX and VOH MIN for output clocks.
Vref = VIL MAX (or VOL MAX)
Vref = VIH MIN (or VOH MIN)
Figure 21. Rise and Fall Transition Time Voltage Reference Levels
timing parameters and board routing analysis
The timing parameter values specified in this data sheet do not include delays by board routings. As a good
board design practice, such delays must always be taken into account. Timing values may be adjusted by
increasing/decreasing such delays. TI recommends utilizing the available I/O buffer information specification
(IBIS) models to analyze the timing characteristics correctly. To properly use IBIS models to attain accurate
timing analysis for a given system, see the Using IBIS Models for Timing Analysis application report (literature
number SPRA839). If needed, external logic hardware such as buffers may be used to compensate any timing
differences.
For example:
D In typical boards with the C6711B commercial temperature device, the routing delay improves the external
memory’s ability to meet the DSP’s EMIF data input hold time requirement [th(EKOH-EDV)].
D In some boards with the C6711BGFNA extended temperature device, the routing delay improves the
external memory’s ability to meet the DSP’s EMIF data input hold time requirement [th(EKOH-EDV)]. In
addition, it may be necessary to add an extra delay to the input clock of the external memory to robustly
meet the DSP’s data input hold time requirement. If the extra delay approach is used, memory bus
frequency adjustments may be needed to ensure the DSP’s input setup time requirement [tsu(EDV-EKOH)]
is still maintained.
For inputs, timing is most impacted by the round-trip propagation delay from the DSP to the external device and
from the external device to the DSP. This round-trip delay tends to negatively impact the input setup time margin,
but also tends to improve the input hold time margins (see Table 40 and Figure 22).
Figure 22 represents a general transfer between the DSP and an external device. The figure also represents
board route delays and how they are perceived by the DSP and the external device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com