Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 59Page - Texas Instruments TMS320C6711 Datasheet HTML 60Page - Texas Instruments TMS320C6711 Datasheet HTML 61Page - Texas Instruments TMS320C6711 Datasheet HTML 62Page - Texas Instruments TMS320C6711 Datasheet HTML 63Page - Texas Instruments TMS320C6711 Datasheet HTML 64Page - Texas Instruments TMS320C6711 Datasheet HTML 65Page - Texas Instruments TMS320C6711 Datasheet HTML 66Page - Texas Instruments TMS320C6711 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
63
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
EMIF big endian mode correctness [C6711D only]
The HD8 pin device endian mode (LENDIAN) selects the endian mode of operation (Little or Big Endian). For
the C6711C/11D device Little Endian is the default setting.
The C6711D HD12 pin (EMIF Big Endian Mode Correctness) [EMIFBE] enhancement allows the flexibility to
change the EMIF data placement on the EMIF bus.
When using the default setting of HD12 = 1 for the C6711D, the EMIF will present 8-bit and 16-bit data on the
ED[7:0] side of the bus if using Little Endian mode (HD8 = 1) and to the ED[31:24] side of the bus if using Big
Endian mode. Figure 16 shows the mapping of 16-bit and 8-bit C6711D devices with EMIF endianness
correction.
EMIF DATA LINES (PINS) WHERE DATA PRESENT
ED[31:24] (BE3)
ED[23:16] (BE2)
ED[15:8] (BE1)
ED[7:0] (BE0)
32-Bit Device in ??? Endianness Mode
16-Bit Device in Big Endianness Mode
16-Bit Device in Little Endianness Mode
8-Bit Device in Big
Endianness Mode
8-Bit Device in Little Endianness Mode
Figure 16. 16/8-Bit EMIF Big Endian Mode Correctness Mapping (HD12 = 1) [C6711D Only]
When HD12 = 0 for the C6711D, enabling EMIF endianness correction, the EMIF will present 8-bit and 16-bit
data on the ED[7:0] side of the bus, regardless of the endianess mode (see Figure 17).
EMIF DATA LINES (PINS) WHERE DATA PRESENT
ED[31:24] (BE3)
ED[23:16] (BE2)
ED[15:8] (BE1)
ED[7:0] (BE0)
32-Bit Device in ??? Endianness Mode
16-Bit Device in Any Endianness Mode
8-Bit Device in Any Endianness Mode
Figure 17. 16/8-Bit EMIF Big Endian Mode Correctness Mapping (HD12 = 0) [C6711D Only]
This new C6711D endianness correction functionality does not affect systems using the default value of
HD12=1.
This new feature does not affect systems operating in Little Endian mode.
bootmode
The C67x device resets using the active-low signal RESET and the internal reset signal (C6711C/C6711D;
for the C6711/C6711B device, the RESET signal is the same as the internal reset signal). While RESET is low,
the internal reset is also asserted and the device is held in reset and is initialized to the prescribed reset state.
Refer to reset timing for reset timing characteristics and states of device pins during reset. The release of the
internal reset signal (see the Reset Phase 3 discussion in the Reset Timing section of this data sheet) starts
the processor running with the prescribed device configuration and boot mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com