Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 52Page - Texas Instruments TMS320C6711 Datasheet HTML 53Page - Texas Instruments TMS320C6711 Datasheet HTML 54Page - Texas Instruments TMS320C6711 Datasheet HTML 55Page - Texas Instruments TMS320C6711 Datasheet HTML 56Page - Texas Instruments TMS320C6711 Datasheet HTML 57Page - Texas Instruments TMS320C6711 Datasheet HTML 58Page - Texas Instruments TMS320C6711 Datasheet HTML 59Page - Texas Instruments TMS320C6711 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
general-purpose input/output (GPIO) [11C/11D only]
To use the GP[7:4, 2] software-configurable GPIO pins, the GPxEN bits in the GP Enable (GPEN) Register and
the GPxDIR bits in the GP Direction (GPDIR) Register must be properly configured.
GPxEN =
1
GP[x] pin is enabled
GPxDIR =
0
GP[x] pin is an input
GPxDIR =
1
GP[x] pin is an output
where “x” represents one of the 7 through 4, or 2 GPIO pins
Figure 11 shows the GPIO enable bits in the GPEN register for the C6711C/C6711D device. To use any of the
GPx pins as general-purpose input/output functions, the corresponding GPxEN bit must be set to “1” (enabled).
Default values are device-specific, so refer to Figure 11 for the C6711C/C6711D default configuration.
31
24 23
16
Reserved
R-0
15
14
13
12
11
10
9
8
7
6543
210
Reserved
GP7
EN
GP6
EN
GP5
EN
GP4
EN
—
GP2
EN
—
—
R/W-0
R/W-1 R/W-1 R/W-1 R/W-1 R/W-0 R/W-0 R/W-0 R/W-0
Legend: R/W = Readable/Writeable; -n = value after reset, -x = undefined value after reset
Figure 11. GPIO Enable Register (GPEN) [Hex Address: 01B0 0000]
Figure 12 shows the GPIO direction bits in the GPDIR register. This register determines if a given GPIO pin is
an input or an output providing the corresponding GPxEN bit is enabled (set to “1”) in the GPEN register. By
default, all the GPIO pins are configured as input pins.
31
24 23
16
Reserved
R-0
15
14
13
12
11
10
9
8
7
6543
210
Reserved
GP7
DIR
GP6
DIR
GP5
DIR
GP4
DIR
—
GP2
DIR
—
—
R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0
Legend: R/W = Readable/Writeable; -n = value after reset, -x = undefined value after reset
Figure 12. GPIO Direction Register (GPDIR) [Hex Address: 01B0 0004]
For more detailed information on general-purpose inputs/outputs (GPIOs), see the TMS320C6000 DSP
General-Purpose Input/Output (GPIO) Reference Guide
(literature number SPRU584).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com