Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 79Page - Texas Instruments TMS320C6711 Datasheet HTML 80Page - Texas Instruments TMS320C6711 Datasheet HTML 81Page - Texas Instruments TMS320C6711 Datasheet HTML 82Page - Texas Instruments TMS320C6711 Datasheet HTML 83Page - Texas Instruments TMS320C6711 Datasheet HTML 84Page - Texas Instruments TMS320C6711 Datasheet HTML 85Page - Texas Instruments TMS320C6711 Datasheet HTML 86Page - Texas Instruments TMS320C6711 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
83
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
SYNCHRONOUS DRAM TIMING
timing requirements for synchronous DRAM cycles† (see Figure 34) [C6711]
NO
C6711-100
C6711-150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
6
2.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.1
2.1
ns
timing requirements for synchronous DRAM cycles† (see Figure 34) [C6711B]
NO.
C6711B-100
C6711BGFNA-100
C6711B-150
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
6
2.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.5
2.5
ns
timing requirements for synchronous DRAM cycles† (see Figure 34) [C6711C/C6711D]
NO.
GDPA-167
−200
−250 (6711D)
UNIT
MIN
MAX
6
tsu(EDV-EKOH)
Setup time, read EDx valid before ECLKOUT high
1.5
ns
7
th(EKOH-EDV)
Hold time, read EDx valid after ECLKOUT high
2.5
ns
† The C6711/11B/11C/11D SDRAM interface takes advantage of the internal burst counter in the SDRAM. Accesses default to incrementing 4-word
bursts, but random bursts and decrementing bursts are done by interrupting bursts in progress. All burst types can sustain continuous data flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com