Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 99 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 95Page - Texas Instruments TMS320C6711 Datasheet HTML 96Page - Texas Instruments TMS320C6711 Datasheet HTML 97Page - Texas Instruments TMS320C6711 Datasheet HTML 98Page - Texas Instruments TMS320C6711 Datasheet HTML 99Page - Texas Instruments TMS320C6711 Datasheet HTML 100Page - Texas Instruments TMS320C6711 Datasheet HTML 101Page - Texas Instruments TMS320C6711 Datasheet HTML 102Page - Texas Instruments TMS320C6711 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
99
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOST-PORT INTERFACE TIMING (CONTINUED)
switching characteristics over recommended operating conditions during host-port interface
cycles†‡ (see Figure 46, Figure 47, Figure 48, and Figure 49) [C6711]
NO.
PARAMETER
C6711-100
C6711-150
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
5
td(HCS-HRDY)
Delay time, HCS to HRDY§
1
18
ns
6
td(HSTBL-HRDYH)
Delay time, HSTROBE low to HRDY high#
3
18
ns
7
td(HSTBL-HDLZ)
Delay time, HSTROBE low to HD low impedance for an HPI read
2
ns
8
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
2P−4
ns
9
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE high
3
18
ns
15
td(HSTBH-HDHZ)
Delay time, HSTROBE high to HD high impedance
3
18
ns
16
td(HSTBL-HDV)
Delay time, HSTROBE low to HD valid
3
18
ns
17
td(HSTBH-HRDYH)
Delay time, HSTROBE high to HRDY high||
3
18
ns
switching characteristics over recommended operating conditions during host-port interface
cycles†‡ (see Figure 46, Figure 47, Figure 48, and Figure 49) [C6711B]
NO
PARAMETER
C6711B-100
C6711BGFNA-100
C6711B-150
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
5
td(HCS-HRDY)
Delay time, HCS to HRDY§
1
15
1
13
1
12
ns
6
td(HSTBL-HRDYH) Delay time, HSTROBE low to HRDY high#
3
15
3
13
3
12
ns
7
td(HSTBL-HDLZ)
Delay time, HSTROBE low to HD low
impedance for an HPI read
2
2
2
ns
8
td(HDV-HRDYL)
Delay time, HD valid to HRDY low
2P − 4
2P − 4
2P − 4
ns
9
toh(HSTBH-HDV)
Output hold time, HD valid after HSTROBE
high
3
15
3
13
3
12
ns
15
td(HSTBH-HDHZ)
Delay time, HSTROBE high to HD high
impedance
3
15
3
13
3
12
ns
16
td(HSTBL-HDV)
Delay time, HSTROBE low to HD valid
3
15
3
13
3
12
ns
17
td(HSTBH-HRDYH) Delay time, HSTROBE high to HRDY high||
3
15
3
13
3
12
ns
† HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS.
‡ P = 1/CPU clock frequency in ns. For example, when running parts at 250 MHz, use P = 4 ns.
§ HCS enables HRDY, and HRDY is always low when HCS is high. The case where HRDY goes high when HCS falls indicates that HPI is busy
completing a previous HPID write or READ with autoincrement.
Make sure the external host meets the timing specifications of the C6711 device. Delays or buffers may be needed to compensate for any timing
differences. IBIS analysis should be used to correctly model the system interface.
# This parameter is used during an HPID read. At the beginning of the first half-word transfer on the falling edge of HSTROBE, the HPI sends the
request to the EDMA internal address generation hardware, and HRDY remains high until the EDMA internal address generation hardware loads
the requested data into HPID.
|| This parameter is used after the second half-word of an HPID write or autoincrement read. HRDY remains low if the access is not an HPID write
or autoincrement read. Reading or writing to HPIC or HPIA does not affect the HRDY signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com