Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6711 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320C6711
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6711 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C6711 Datasheet HTML 43Page - Texas Instruments TMS320C6711 Datasheet HTML 44Page - Texas Instruments TMS320C6711 Datasheet HTML 45Page - Texas Instruments TMS320C6711 Datasheet HTML 46Page - Texas Instruments TMS320C6711 Datasheet HTML 47Page - Texas Instruments TMS320C6711 Datasheet HTML 48Page - Texas Instruments TMS320C6711 Datasheet HTML 49Page - Texas Instruments TMS320C6711 Datasheet HTML 50Page - Texas Instruments TMS320C6711 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 129 page
background image
TMS320C6711, TMS320C6711B, TMS320C6711C, TMS320C6711D
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS088L − FEBRUARY 1999 − REVISED MAY 2004
47
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
clock PLL [C6711/11B only]
All of the internal C6711/11B clocks are generated from a single source through the CLKIN pin. This source clock
either drives the PLL, which multiplies the source clock in frequency to generate the internal CPU clock, or
bypasses the PLL to become the internal CPU clock.
To use the PLL to generate the CPU clock, the external PLL filter circuit must be properly designed. Figure 8
shows the external PLL circuitry for either x1 (PLL bypass) or x4 PLL multiply modes. Figure 9 shows the
external PLL circuitry for a system with ONLY x1 (PLL bypass) mode.
To minimize the clock jitter, a single clean power supply should power both the C6711/11B device and the
external clock oscillator circuit. Noise coupling into PLLF will directly impact PLL clock jitter. The minimum
CLKIN rise and fall times should also be observed. For the input clock timing requirements, see the input and
output clocks
electricals section.
Rise/fall times, duty cycles (high/low pulse durations), and the load capacitance of the external clock source
must meet the DSP requirements in this data sheet (see the electrical characteristics over recommended
ranges of supply voltage and operating case temperature
table and the input and output clocks electricals
section). Table 29 lists some examples of compatible CLKIN external clock sources:
Table 29. Compatible CLKIN External Clock Sources [C6711/11B]
COMPATIBLE PARTS FOR
EXTERNAL CLOCK SOURCES (CLKIN)
PART NUMBER
MANUFACTURER
JITO-2
Fox Electronix
Oscillators
STA series, ST4100 series
SaRonix Corporation
Oscillators
SG-636
Epson America
342
Corning Frequency Control
PLL
ICS525-02
Integrated Circuit Systems
Available Multiply Factors
CLKMODE0
PLL Multiply
Factors
CPU Clock
Frequency
f(CPUCLOCK)
0
x1(BYPASS)
1 x f(CLKIN)
1
x4
4 x f(CLKIN)
NOTES: A. Keep the lead length and the number of vias between the PLLF pin, the PLLG pin, and R1, C1, and C2 to a minimum. In addition,
place all PLL external components (R1, C1, C2, C3, C4, and the EMI Filter) as close to the C6000 device as possible. For the best
performance, TI recommends that all the PLL external components be on a single side of the board without jumpers, switches, or
components other than the ones shown.
B. For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (R1, C1, C2, C3, C4,
and the EMI filter).
C. The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
D. EMI filter manufacturer: TDK part number ACF451832-333, 223, 153, 103. Panasonic part number EXCCET103U.
Figure 8. External PLL Circuitry for Either PLL x4 Mode or x1 (Bypass) Mode [C6711/11B]
CLKMODE0
PLL
PLLV
CLKIN
LOOP FILTER
PLLCLK
PLLMULT
CLKIN
C2
Internal to
C6711/C6711B
CPU
CLOCK
C1
R1
3.3V
10 mF
0.1 mF
C3
C4
1
0
(For C1, C2, and R1 values, see Table 30.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com