Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments TMS320VC5407 Datasheet HTML 36Page - Texas Instruments TMS320VC5407 Datasheet HTML 37Page - Texas Instruments TMS320VC5407 Datasheet HTML 38Page - Texas Instruments TMS320VC5407 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
Functional Overview
35
November 2001 − Revised April 2004
SPRS007D
3.7.2 HPI Nonmultiplexed Mode
In nonmultiplexed mode, a host with separate address/data buses can access the HPI16 data register (HPID)
via the HD 16-bit bidirectional data bus, and the address register (HPIA) via the 23-bit HA address bus. The
host initiates the access with the strobe signals (HDS1, HDS2, HCS) and controls the direction of the access
with the HR/W signal. The HPI16 can stall host accesses via the HRDY signal. Note that the HPIC register
is not available in nonmultiplexed mode since there are no HCNTL signals available. All host accesses initiate
a DMA read or write access. Figure 3−10 shows a block diagram of the HPI16 in nonmultiplexed mode.
HPID[15:0]
HAS
HDS1, HDS2, HCS
DMA
PPD[15:0]
DATA[15:0]
Address[22:0]
R/W
Data Strobes
READY
HPI16
HRDY
54xx
CPU
VCC
HCNTL0
HCNTL1
HR/W
HINT
HBIL
HOST
Figure 3−10. Host-Port Interface — Nonmultiplexed Mode
Address (Hex)
Reserved
DARAM0
DARAM1
7FFF
6000
5FFF
3FFF
4000
1FFF
2000
005F
0060
0000
Reserved
8000
9FFF
A000
FFFF
DARAM3†
DARAM2†
DARAM4†
† Reserved on 5404 devices
Figure 3−11. HPI Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com