Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 22Page - Texas Instruments TMS320VC5407 Datasheet HTML 23Page - Texas Instruments TMS320VC5407 Datasheet HTML 24Page - Texas Instruments TMS320VC5407 Datasheet HTML 25Page - Texas Instruments TMS320VC5407 Datasheet HTML 26Page - Texas Instruments TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
Functional Overview
26
November 2001 − Revised April 2004
SPRS007D
3.5
Memory Maps
3.5.1 5407 Memory Map
Reserved
(OVLY = 1)
External
(OVLY = 0)
Page 0 Program
Hex
Data
On-Chip
DARAM0−4
(OVLY = 1)
External
(OVLY = 0)
MP/MC= 0
(Microcomputer Mode)
MP/MC= 1
(Microprocessor Mode)
0000
007F
0080
FFFF
Interrupts
(External)
FF80
Memory-Mapped
Registers
On-Chip
DARAM0−4
(40K x 16-bit)
On-Chip
PDROM0−1
(DROM=1)
or
External
(DROM=0)
0080
FFFF
FF7F
0060
007F
0000
Hex
External
Scratch-Pad
RAM
005F
On-Chip ROM
(40K x 16-bit)
Interrupts
(On-Chip)
9FFF
A000
Page 0 Program
Hex
0000
007F
0080
FFFF
Reserved
(OVLY = 1)
External
(OVLY = 0)
FF80
FF7F
5FFF
6000
Reserved
FF00
FEFF
A000
9FFF
On-Chip
DARAM0−2
(OVLY = 1)
External
(OVLY = 0)
External
C000
BFFF
Figure 3−2. 5407 Program and Data Memory Map
Hex
010000
01FFFF
Program
Page 1
XPC=1
On-Chip
ROM
Hex
Program
020000
02FFFF
Page 2
XPC=2
Hex
Program
030000
03FFFF
Hex
Program
External
040000
04FFFF
Hex
Program
7F0000
7FFFFF
Page 3
XPC=3
Page 4
XPC=4
Page 127
XPC=7Fh
External
7F7FFF
7F8000
047FFF
037FFF
027FFF
017FFF
018000
028000
038000
048000
......
External
03E000
03DFFF
External†
External†
External†
External†
External†
On-Chip
ROM
On-Chip
ROM
† The lower 32K words of pages 1 through 127 are only available when the OVLY bit is cleared to 0. If the OVLY bit is set to 1, the on-chip memory
is mapped to the lower 32K words of all program space pages.
Figure 3−3. 5407 Extended Program Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com