Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments TMS320VC5407 Datasheet HTML 75Page - Texas Instruments TMS320VC5407 Datasheet HTML 76Page - Texas Instruments TMS320VC5407 Datasheet HTML 77Page - Texas Instruments TMS320VC5407 Datasheet HTML 78Page - Texas Instruments TMS320VC5407 Datasheet HTML 79Page - Texas Instruments TMS320VC5407 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
Electrical Specifications
76
November 2001 − Revised April 2004
SPRS007D
5.8
Memory and Parallel I/O Interface Timing
5.8.1 Memory Read
External memory reads can be performed in consecutive or nonconsecutive mode under control of the
CONSEC bit in the BSCR. Table 5−8 and Table 5−9 assume testing over recommended operating conditions
with MSTRB = 0 and H = 0.5tc(CO) (see Figure 5−5 and Figure 5−6).
Table 5−8. Memory Read Timing Requirements
MIN
MAX
UNIT
t
Access time, read data access from address
For accesses not immediately following a
HOLD operation
4H−9
ns
ta(A)M1
Access time, read data access from address
valid, first read access†
For read accesses immediately following a
HOLD operation
4H−11
ns
ta(A)M2
Access time, read data access from address valid, consecutive read accesses†
2H−9
ns
tsu(D)R
Setup time, read data valid before CLKOUT low
7
ns
th(D)R
Hold time, read data valid after CLKOUT low
0
ns
† Address,R/W, PS, DS, and IS timings are all included in timings referenced as address.
Table 5−9. Memory Read Switching Characteristics
PARAMETER
MIN
MAX
UNIT
t
Delay time CLKOUT low to address valid†
For accesses not immediately following a
HOLD operation
− 1
4
ns
td(CLKL-A)
Delay time, CLKOUT low to address valid†
For read accesses immediately following a
HOLD operation
− 1
6
ns
td(CLKL-MSL)
Delay time, CLKOUT low to MSTRB low
− 1
4
ns
td(CLKL-MSH)
Delay time, CLKOUT low to MSTRB high
0
4
ns
† Address,R/W, PS, DS, and IS timings are all included in timings referenced as address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com