Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 14Page - Texas Instruments TMS320VC5407 Datasheet HTML 15Page - Texas Instruments TMS320VC5407 Datasheet HTML 16Page - Texas Instruments TMS320VC5407 Datasheet HTML 17Page - Texas Instruments TMS320VC5407 Datasheet HTML 18Page - Texas Instruments TMS320VC5407 Datasheet HTML 19Page - Texas Instruments TMS320VC5407 Datasheet HTML 20Page - Texas Instruments TMS320VC5407 Datasheet HTML 21Page - Texas Instruments TMS320VC5407 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
Introduction
18
November 2001 − Revised April 2004
SPRS007D
2.3
Signal Descriptions
Table 2−2 lists each signal, function, and operating mode(s) grouped by function. See Section 2.2 for exact
pin locations based on package type.
Table 2−2. Signal Descriptions
TERMINAL
NAME
I/O†
DESCRIPTION
EXTERNAL MEMORY INTERFACE PINS
A22
(MSB)
A21
A20
A19
A18
A17
A16
O/Z
Parallel address bus A22 (MSB) through A0 (LSB). The lower sixteen address pins—A0 to A15—are
multiplexed to address all external memory (program, data) or I/O, while the upper seven address
pins—A22 to A16—are only used to address external program space. These pins are placed in the
high-impedance state when the hold mode is enabled, or when OFF is low.
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
(LSB)
A15
(MSB)
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
(LSB)
I
These pins can be used to address internal memory via the HPI when the HPI16 pin
is high.
D15
(MSB)
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
I/O/Z
D15 (MSB)
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
I/O
Parallel data bus D15 (MSB) through D0 (LSB). The sixteen data pins, D0 to D15,
are multiplexed to transfer data between the core CPU and external data/program
memory, I/O devices, or HPI in 16-bit mode. The data bus is placed in the
high-impedance state when not outputting or when RS or HOLD is asserted. The
data bus also goes into the high-impedance state when OFF is low.
The data bus includes bus holders to reduce the static power dissipation caused by
floating, unused pins. The bus holders also eliminate the need for external bias
resistors on unused pins. When the data bus is not being driven by the DSP, the bus
holders keep the pins at the logic level that was most recently driven. The data bus
holders of the DSP are disabled at reset, and can be enabled/disabled via the BH bit
of the BSCR.
INITIALIZATION, INTERRUPT, AND RESET PINS
IACK
O/Z
Interrupt acknowledge signal. IACK Indicates receipt of an interrupt and that the program counter is fetching
the interrupt vector location designated by A15–0. IACK also goes into the high-impedance state when OFF
is low.
INT0
INT1
INT2
INT3
I
External user interrupt inputs. INT0−3 are prioritized and maskable via the interrupt mask register and
interrupt mode bit. The status of these pins can be polled by way of the interrupt flag register.
NMI
I
Nonmaskable interrupt. NMI is an external interrupt that cannot be masked by way of the INTM or the IMR.
When NMI is activated, the processor traps to the appropriate vector location.
† I = Input, O = Output, Z = High-impedance, S = Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com