Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 36Page - Texas Instruments TMS320VC5407 Datasheet HTML 37Page - Texas Instruments TMS320VC5407 Datasheet HTML 38Page - Texas Instruments TMS320VC5407 Datasheet HTML 39Page - Texas Instruments TMS320VC5407 Datasheet HTML 40Page - Texas Instruments TMS320VC5407 Datasheet HTML 41Page - Texas Instruments TMS320VC5407 Datasheet HTML 42Page - Texas Instruments TMS320VC5407 Datasheet HTML 43Page - Texas Instruments TMS320VC5407 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
Functional Overview
40
November 2001 − Revised April 2004
SPRS007D
3.11 Enhanced External Parallel Interface (XIO2)
The 5407/5404 external interface has been redesigned to include several improvements, including:
simplification of the bus sequence, more immunity to bus contention when transitioning between read and
write operations, the ability for external memory access to the DMA controller, and optimization of the
power-down modes.
The bus sequence on the 5407/5404 still maintains all of the same interface signals as on previous 54x
devices, but the signal sequence has been simplified. Most external accesses now require 3 cycles composed
of a leading cycle, an active (read or write) cycle, and a trailing cycle. The leading and trailing cycles provide
additional immunity against bus contention when switching between read operations and write operations. To
maintain high-speed read access, a consecutive read mode that performs single-cycle reads as on previous
54x devices is available.
Figure 3−15 shows the bus sequence for three cases: all I/O reads, memory reads in nonconsecutive mode,
or single memory reads in consecutive mode. The accesses shown in Figure 3−15 always require 3 CLKOUT
cycles to complete.
READ
A[22:0]
D[15:0]
CLKOUT
R/W
MSTRB or IOSTRB
PS/DS/IS
Leading
Cycle
Read
Cycle
Trailing
Cycle
Figure 3−15. Nonconsecutive Memory Read and I/O Read Bus Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com