Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 80Page - Texas Instruments TMS320VC5407 Datasheet HTML 81Page - Texas Instruments TMS320VC5407 Datasheet HTML 82Page - Texas Instruments TMS320VC5407 Datasheet HTML 83Page - Texas Instruments TMS320VC5407 Datasheet HTML 84Page - Texas Instruments TMS320VC5407 Datasheet HTML 85Page - Texas Instruments TMS320VC5407 Datasheet HTML 86Page - Texas Instruments TMS320VC5407 Datasheet HTML 87Page - Texas Instruments TMS320VC5407 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
Electrical Specifications
84
November 2001 − Revised April 2004
SPRS007D
5.9
Ready Timing for Externally Generated Wait States
Table 5−14 and Table 5−15 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−10, Figure 5−11, Figure 5−12, and Figure 5−13).
Table 5−14. Ready Timing Requirements for Externally Generated Wait States†
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
7
ns
th(RDY)
Hold time, READY after CLKOUT low
0
ns
tv(RDY)MSTRB
Valid time, READY after MSTRB low‡
4H − 4
ns
th(RDY)MSTRB
Hold time, READY after MSTRB low‡
4H
ns
tv(RDY)IOSTRB
Valid time, READY after IOSTRB low‡
4H − 4
ns
th(RDY)IOSTRB
Hold time, READY after IOSTRB low‡
4H
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by READY,
at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT.
Table 5−15. Ready Switching Characteristics for Externally Generated Wait States†
PARAMETER
MIN
MAX
UNIT
td(MSCL)
Delay time, MSC low to CLKOUT low
− 1
4
ns
td(MSCH)
Delay time, CLKOUT low to MSC high
− 1
4
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by READY,
at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com