Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 40Page - Texas Instruments TMS320VC5407 Datasheet HTML 41Page - Texas Instruments TMS320VC5407 Datasheet HTML 42Page - Texas Instruments TMS320VC5407 Datasheet HTML 43Page - Texas Instruments TMS320VC5407 Datasheet HTML 44Page - Texas Instruments TMS320VC5407 Datasheet HTML 45Page - Texas Instruments TMS320VC5407 Datasheet HTML 46Page - Texas Instruments TMS320VC5407 Datasheet HTML 47Page - Texas Instruments TMS320VC5407 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 110 page
background image
Functional Overview
44
November 2001 − Revised April 2004
SPRS007D
Table 3−9 lists the DMD bit values and their corresponding destination space.
Table 3−9. DMD Section of the DMMCRn Register
DMD
DESTINATION SPACE
00
PS
01
DS
10
I/O
11
Reserved
For the CPU external access, software can configure the memory cells to reside inside or outside the program
address map. When the cells are mapped into program space, the device automatically accesses them when
their addresses are within bounds. When the address generation logic generates an address outside its
bounds, the device automatically generates an external access.
Two new registers are added to the 5407/5404 DMA to support DMA accesses to/from DMA extended data
memory, page 1 to page 127.
•
The DMA extended source data page register (XSRCDP[6:0]) is located at subbank address 028h.
•
The DMA extended destination data page register (XDSTDP[6:0]) is located at subbank address 029h.
3.12.3
DMA Memory Map
The DMA memory map, shown in Figure 3−19, allows the DMA transfer to be unaffected by the status of the
MP/MC, DROM, and OVLY bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com