Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 27Page - Texas Instruments TMS320VC5407 Datasheet HTML 28Page - Texas Instruments TMS320VC5407 Datasheet HTML 29Page - Texas Instruments TMS320VC5407 Datasheet HTML 30Page - Texas Instruments TMS320VC5407 Datasheet HTML 31Page - Texas Instruments TMS320VC5407 Datasheet HTML 32Page - Texas Instruments TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
Functional Overview
31
November 2001 − Revised April 2004
SPRS007D
Table 3−3. Software Wait-State Register (SWWSR) Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15
XPA
0
Extended program address control bit. XPA is used in conjunction with the program space fields
(bits 0 through 5) to select the address range for program space wait states.
14−12
I/O
111
I/O space. The field value (0−7) corresponds to the base number of wait states for I/O space accesses
within addresses 0000−FFFFh. The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for
the base number of wait states.
11−9
Data
111
Upper data space. The field value (0−7) corresponds to the base number of wait states for external
data space accesses within addresses 8000−FFFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
8−6
Data
111
Lower data space. The field value (0−7) corresponds to the base number of wait states for external
data space accesses within addresses 0000−7FFFh. The SWSM bit of the SWCR defines a
multiplication factor of 1 or 2 for the base number of wait states.
5−3
Program
111
Upper program space. The field value (0−7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
- XPA = 0: xx8000 − xxFFFFh
- XPA = 1: 400000h − 7FFFFFh
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
2−0
Program
111
Lower program space. The field value (0−7) corresponds to the base number of wait states for external
program space accesses within the following addresses:
- XPA = 0: xx0000 − xx7FFFh
- XPA = 1: 000000 − 3FFFFFh
The SWSM bit of the SWCR defines a multiplication factor of 1 or 2 for the base number of wait states.
The software wait-state multiplier bit of the software wait-state control register (SWCR) is used to extend the
base number of wait states selected by the SWWSR. The SWCR bit fields are shown in Figure 3−8 and
described in Table 3−4.
15
Reserved
R/W-0
10
Reserved
SWSM
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−8. Software Wait-State Control Register (SWCR) [MMR Address 002Bh]
Table 3−4. Software Wait-State Control Register (SWCR) Bit Fields
PIN
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15−1
Reserved
0
These bits are reserved and are unaffected by writes.
0
SWSM
0
Software wait-state multiplier. Used to multiply the number of wait states defined in the SWWSR by a factor
of 1 or 2.
- SWSM = 0: wait-state base values are unchanged (multiplied by 1).
- SWSM = 1: wait-state base values are multiplied by 2 for a maximum of 14 wait states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com