Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 51Page - Texas Instruments TMS320VC5407 Datasheet HTML 52Page - Texas Instruments TMS320VC5407 Datasheet HTML 53Page - Texas Instruments TMS320VC5407 Datasheet HTML 54Page - Texas Instruments TMS320VC5407 Datasheet HTML 55Page - Texas Instruments TMS320VC5407 Datasheet HTML 56Page - Texas Instruments TMS320VC5407 Datasheet HTML 57Page - Texas Instruments TMS320VC5407 Datasheet HTML 58Page - Texas Instruments TMS320VC5407 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
Functional Overview
55
November 2001 − Revised April 2004
SPRS007D
When an interrupt is generated, the IIR indicates that an interrupt is pending and encodes the type of interrupt
in its three least significant bits (bits 0, 1, and 2). The contents of this register are summarized in Table 3−15
and described in Table 3−17. Detail on each bit is as follows:
•
Bit 0: This bit is used either in a hardwire prioritized or polled interrupt system. When bit 0 is cleared, an
interrupt is pending If bit 0 is set, no interrupt is pending.
•
Bits 1 and 2: These two bits identify the highest priority interrupt pending as indicated in Table 3−15
•
Bit 3: This bit is always cleared in TL16C450 mode. In FIFO mode, bit 3 is set with bit 2 to indicate that a
time-out interrupt is pending.
•
Bits 4 and 5: These two bits are not used (always cleared).
•
Bits 6 and 7: These bits are always cleared in TL16C450 mode. They are set when bit 0 of the FIFO control
register is set.
Table 3−17. Interrupt Control Functions
INTERRUPT
IDENTIFICATION REGISTER
PRIORITY
LEVEL
INTERRUPT TYPE
INTERRUPT SOURCE
INTERRUPT RESET
METHOD
BIT 3
BIT 2 BIT 1 BIT 0
LEVEL
INTERRUPT TYPE
INTERRUPT SOURCE
METHOD
0
0
0
1
None
None
None
None
0
1
1
0
1
Receiver line status
Overrun error, parity error,
framing error, or break interrupt
Read the line status register
0
1
0
0
2
Received data available
Receiver data available in the
TL16C450 mode or trigger level
reached in the FIFO mode
Read the receiver buffer register
1
1
0
0
2
Character time-out
indication
No
characters
have
been
removed from or input to the
receiver FIFO during the last four
character times, and there is at
least one character in it during
this time
Read the receiver buffer register
0
0
1
0
3
Transmitter holding
register empty
Transmitter
holding
register
empty
Read the interrupt identification
register (if source of interrupt) or
writing into the transmitter
holding register
3.13.7
Line Control Register (LCR)
The system programmer controls the format of the asynchronous data communication exchange through the
LCR. In addition, the programmer is able to retrieve, inspect, and modify the contents of the LCR; this eliminates
the need for separate storage of the line characteristics in system memory. The contents of this register are
summarized in Table 3−15 and described in the following bulleted list.
•
Bits 0 and 1: These two bits specify the number of bits in each transmitted or received serial character.
These bits are encoded as shown in Table 3−18.
Table 3−18. Serial Character Word Length
BIT 1
BIT 0
WORD LENGTH
0
0
5 bits
0
1
6 bits
1
0
7 bits
1
1
8 bits
•
Bit 2: This bit specifies either one, one and one-half, or two stop bits in each transmitted character. When
bit 2 is cleared, one stop bit is generated in the data. When bit 2 is set, the number of stop bits generated
is dependent on the word length selected with bits 0 and 1. The receiver clocks only the first stop bit
regardless of the number of stop bits selected. The number of stop bits generated in relation to word length
and bit 2 are shown in Table 3−19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com