Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments TMS320VC5407 Datasheet HTML 36Page - Texas Instruments TMS320VC5407 Datasheet HTML 37Page - Texas Instruments TMS320VC5407 Datasheet HTML 38Page - Texas Instruments TMS320VC5407 Datasheet HTML 39Page - Texas Instruments TMS320VC5407 Datasheet HTML 40Page - Texas Instruments TMS320VC5407 Datasheet HTML 41Page - Texas Instruments TMS320VC5407 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 110 page
background image
Functional Overview
38
November 2001 − Revised April 2004
SPRS007D
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
65
43
21
0
SCLKME
CLKS STAT
DX STAT
DR STAT
FSXP
FSRP
CLKXP
CLKRP
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R = Read, W = Write
Figure 3−14. Pin Control Register (PCR)
The selection of sample rate input clock is made by the combination of the CLKSM (bit 13 in SRGR2) bit value
and the SCLKME bit value as shown in Table 3−7.
Table 3−7. Sample Rate Input Clock Selection
SCLKME
CLKSM
SAMPLE RATE CLOCK MODE
0
0
Reserved (CLKS pin unavailable)
0
1
CPU clock
1
0
BCLKR
1
1
BCLKX
When the SCLKME bit is cleared to 0, the CLKSM bit is used, as before, to select either the CPU clock or the
CLKS pin (not bonded out on the 5407/5404 device package) as the sample rate input clock. Setting the
SCLKME bit to 1 enables the CLKSM bit to select between the BCLKR pin or BCLKX pin for the sample rate
input clock.
When either the BCLKR or CLKX is configured this way, the output buffer for the selected pin is automatically
disabled. For example, with SCLKME = 1 and CLKSM = 0, the BCLKR pin is configured as the input of the
sample rate generator. Both the transmitter and receiver circuits can be synchronized to the sample rate
generator output by setting the CLKXM and CLKRM bits of the pin configuration register (PCR) to 1. Note that
the sample rate generator output will only be driven on the BCLKX pin since the BCLKR output buffer is
automatically disabled.
The McBSP is fully static and operates at arbitrary low clock frequencies. For maximum operating frequency,
see Section 5.14.
3.9
Hardware Timers
The 5407/5404 device features two 16-bit timing circuits with 4-bit prescalers. The timer counters are
decremented by one every CPU clock cycle. Each time the counter decrements to 0, a timer interrupt is
generated. The timer can be stopped, restarted, reset, or disabled by specific status bits.
Both timers can be use to generate interrupts to the CPU, however, the second timer (Timer1) has its interrupt
combined with external interrupt 3 (INT3) in the interrupt flag register. Therefore, to use the Timer1 interrupt,
the INT3 input should be disabled (tied high), and to use the INT3 input, the timer should be disabled (placed
in reset).
Since the Timer1 output is multiplexed externally with the HINT output, the HPI must be disabled (HPIENA
input pin = 0) if the Timer1 output is to be used. The Timer1 output also has a dedicated enable bit in the
General Purpose I/O Control Register (GPIOCR) located at data memory address 003Ch. If the external
Timer1 output is to be used, in addition to disabling the HPI, the TOUT1 bit in the GPIOCR must also be set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com