Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 69Page - Texas Instruments TMS320VC5407 Datasheet HTML 70Page - Texas Instruments TMS320VC5407 Datasheet HTML 71Page - Texas Instruments TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments TMS320VC5407 Datasheet HTML 75Page - Texas Instruments TMS320VC5407 Datasheet HTML 76Page - Texas Instruments TMS320VC5407 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
Electrical Specifications
73
November 2001 − Revised April 2004
SPRS007D
X1
X2/CLKIN
C1
C2
Crystal
Figure 5−2. Internal Divide-by-Two Clock Option With External Crystal
5.7
Clock Options
The frequency of the reference clock provided at the CLKIN pin can be divided by a factor of two or four or
multiplied by one of several values to generate the internal machine cycle.
5.7.1 Divide-By-Two and Divide-By-Four Clock Options
The frequency of the reference clock provided at the X2/CLKIN pin can be divided by a factor of two or four
to generate the internal machine cycle. The selection of the clock mode is described in Section 3.10.
When an external clock source is used, the frequency injected must conform to specifications listed in
Table 5−4.
An external frequency source can be used by applying an input clock to X2/CLKIN with X1 left unconnected.
Table 5−3 shows the configuration options for the CLKMD pins that generate the external divide-by-2 or
divide-by-4 clock option.
Table 5−3. Clock Mode Pin Settings for the Divide-By-2 and By Divide-by-4 Clock Options
CLKMD1
CLKMD2
CLKMD3
CLOCK MODE
CLKMD1
CLKMD2
CLKMD3
CLOCK MODE
0
0
0
1/2, PLL and oscillator disabled
1
0
1
1/4, PLL and oscillator disabled
1
1
1
1/2, PLL and oscillator disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com