Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 49Page - Texas Instruments TMS320VC5407 Datasheet HTML 50Page - Texas Instruments TMS320VC5407 Datasheet HTML 51Page - Texas Instruments TMS320VC5407 Datasheet HTML 52Page - Texas Instruments TMS320VC5407 Datasheet HTML 53Page - Texas Instruments TMS320VC5407 Datasheet HTML 54Page - Texas Instruments TMS320VC5407 Datasheet HTML 55Page - Texas Instruments TMS320VC5407 Datasheet HTML 56Page - Texas Instruments TMS320VC5407 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
Functional Overview
53
November 2001 − Revised April 2004
SPRS007D
3.13.2
FIFO Control Register (FCR)
The FCR is a write-only register at the same location as the IIR, which is a read-only register. The FCR enables
and clears the FIFOs, sets the receiver FIFO trigger level, and selects the type of DMA signalling.
•
Bit 0: This bit, when set, enables the transmitter and receiver FIFOs. Bit 0 must be set when other FCR bits
are written to or they are not programmed. Changing this bit clears the FIFOs.
•
Bit 1: This bit, when set, clears all bytes in the receiver FIFO and clears its counter. The shift register is not
cleared. The 1 that is written to this bit position is self clearing.
•
Bit 2: This bit, when set, clears all bytes in the transmit FIFO and clears its counter. The shift register is not
cleared. The 1 that is written to this bit position is self clearing.
•
Bits 3, 4, and 5: These three bits are reserved for future use.
•
Bits 6 and 7: These two bits set the trigger level for the receiver FIFO interrupt (see Table 3−16).
Table 3−16. Receiver FIFO Trigger Level
BIT 7
BIT 6
RECEIVER FIFO
TRIGGER LEVEL (BYTES)
0
0
01
0
1
04
1
0
08
1
1
14
3.13.3
FIFO Interrupt Mode Operation
When the receiver FIFO and receiver interrupts are enabled (FCR0 = 1, IER0 = 1, IER2 = 1), a receiver interrupt
occurs as follows:
1. The received data available interrupt is issued to the microprocessor when the FIFO has reached its
programmed trigger level. It is cleared when the FIFO drops below its programmed trigger level.
2. The IIR receive data available indication also occurs when the FIFO trigger level is reached, and like the
interrupt, it is cleared when the FIFO drops below the trigger level.
3. The receiver line status interrupt (IIR = 06) has higher priority than the received data available (IIR = 04)
interrupt.
4. The data ready bit (LSR0) is set when a character is transferred from the shift register to the receiver FIFO.
It is cleared when the FIFO is empty.
When the receiver FIFO and receiver interrupts are enabled:
1. FIFO time-out interrupt occurs if the following conditions exist:
a. At least one character is in the FIFO.
b. The most recent serial character was received more than four continuous character times ago (if two
stop bits are programmed, the second one is included in this time delay).
c. The most recent microprocessor read of the FIFO has occurred more than four continuous character
times before. This causes a maximum character received command to interrupt an issued delay of
160 ms at a 300 baud rate with a 12-bit character.
2. Character times are calculated by using the RCLK input for a clock signal (makes the delay proportional
to the baud rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com