Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 66Page - Texas Instruments TMS320VC5407 Datasheet HTML 67Page - Texas Instruments TMS320VC5407 Datasheet HTML 68Page - Texas Instruments TMS320VC5407 Datasheet HTML 69Page - Texas Instruments TMS320VC5407 Datasheet HTML 70Page - Texas Instruments TMS320VC5407 Datasheet HTML 71Page - Texas Instruments TMS320VC5407 Datasheet HTML 72Page - Texas Instruments TMS320VC5407 Datasheet HTML 73Page - Texas Instruments TMS320VC5407 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 110 page
background image
Electrical Specifications
70
November 2001 − Revised April 2004
SPRS007D
5
Electrical Specifications
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320VC5407/TMS320VC5404 DSP.
5.1
Absolute Maximum Ratings
The list of absolute maximum ratings are specified over operating case temperature. Stresses beyond those
listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under Section 5.2 is not implied. Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability. All voltage values are with respect to DVSS. Figure 5−1 provides the test load circuit
values for a 3.3-V device.
Supply voltage I/O range, DVDD
−0.3 V to 4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage core range, CVDD
−0.3 V to 2.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
−0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
−0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0°C to 100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O
2.7
3.3
3.6
V
CVDD
Device supply voltage, core
1.42
1.5
1.65
V
DVSS,
CVSS
Supply voltage, GND
0
V
VIH
High-level input voltage, I/O
RS, INTn, NMI, X2/CLKIN,
BIO, TRST, Dn, An, HDn,
CLKMDn, BCLKRn, BCLKXn,
HCS, HDS1, HDS2, HAS, RX,
TCK
2.4
DVDD + 0.3
V
All other inputs
2
DVDD + 0.3
VIL
Low-level input voltage
−0.3
0.8
V
IOH
High-level output current
−2
mA
IOL
Low-level output current
2
mA
TC
Operating case temperature
0
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com