Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 33Page - Texas Instruments TMS320VC5407 Datasheet HTML 34Page - Texas Instruments TMS320VC5407 Datasheet HTML 35Page - Texas Instruments TMS320VC5407 Datasheet HTML 36Page - Texas Instruments TMS320VC5407 Datasheet HTML 37Page - Texas Instruments TMS320VC5407 Datasheet HTML 38Page - Texas Instruments TMS320VC5407 Datasheet HTML 39Page - Texas Instruments TMS320VC5407 Datasheet HTML 40Page - Texas Instruments TMS320VC5407 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
Functional Overview
37
November 2001 − Revised April 2004
SPRS007D
The McBSP allows the multiple channels to be independently selected for the transmitter and receiver. When
multiple channels are selected, each frame represents a time-division multiplexed (TDM) data stream. In using
time-division multiplexed data streams, the CPU may only need to process a few of them. Thus, to save
memory and bus bandwidth, multichannel selection allows independent enabling of particular channels for
transmission and reception. All 128 channels in a bit stream consisting of a maximum of 128 channels can
be enabled.
15
10
9
8
Reserved
XMCME
XPBBLK
R
R/W
R/W
7
65
4
2
1
0
XPBBLK
XPABLK
XCBLK
XMCM
R/W
R/W
R
R/W
LEGEND: R = Read, W = Write
Figure 3−12. Multichannel Control Register (MCR1)
15
10
9
8
Reserved
RMCME
RPBBLK
R
R/W
R/W
7
65
4
2
1
0
RPBBLK
RPABLK
RCBLK
Reserved
RMCM
R/W
R/W
R
R
R/W
LEGEND: R = Read, W = Write
Figure 3−13. Multichannel Control Register (MCR2)
The 5407/5404 McBSP has two working modes:
•
In the first mode, when (R/X)MCME = 0, it is comparable with the McBSPs used in the 5410 where the
normal 32-channel selection is enabled (default).
•
In the second mode, when (R/X)MCME = 1, it has 128-channel selection capability. Multichannel control
register Bit 9, (R/X)MCME, is used as the 128-channel selection enable bit. Once (R/X)MCME = 1, twelve
new registers ((R/X)CERC − (R/X)CERH) are used to enable the 128-channel selection.
The clock stop mode (CLKSTP) in the McBSP provides compatibility with the serial port interface protocol.
Clock stop mode works with only single-phase frames and one word per frame. The word sizes supported by
the McBSP are programmable for 8-, 12-, 16-, 20-, 24-, or 32-bit operation. When the McBSP is configured
to operate in SPI mode, both the transmitter and the receiver operate together as a master or as a slave.
Although the BCLKS pin is not available on the 5407/5404 PGE and GGU packages, the 5407/5404 is capable
of synchronization to external clock sources. BCLKX or BCLKR can be used by the sample rate generator for
external synchronization. The sample rate clock mode extended (SCLKME) bit field is located in the PCR to
accommodate this option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com