Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 56Page - Texas Instruments TMS320VC5407 Datasheet HTML 57Page - Texas Instruments TMS320VC5407 Datasheet HTML 58Page - Texas Instruments TMS320VC5407 Datasheet HTML 59Page - Texas Instruments TMS320VC5407 Datasheet HTML 60Page - Texas Instruments TMS320VC5407 Datasheet HTML 61Page - Texas Instruments TMS320VC5407 Datasheet HTML 62Page - Texas Instruments TMS320VC5407 Datasheet HTML 63Page - Texas Instruments TMS320VC5407 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
Functional Overview
60
November 2001 − Revised April 2004
SPRS007D
The direction bits (DIRx) are used to configure HD0−HD7 as inputs or outputs (0 = input, 1 = output).
Bit 15 of the GPIOCR is also used as the Timer1 output enable bit, TOUT1. The TOUT1 bit enables or disables
the Timer1 output on the HINT/TOUT1 pin. If TOUT1 = 0, the Timer1 output is not available externally; if
TOUT1 = 1, the Timer1 output is driven on the HINT/TOUT1 pin. Note also that the Timer1 output is only
available when the HPI is disabled (HPIENA input pin = 0).
The status of the GPIO pins can be monitored using the bits of the GPIOSR. The GPIOSR is shown in
Figure 3−24. When read, these bits reflect the state of the input pins, and when written, determine the state
of outputs.
15
8
Reserved
0
7
43
0
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−24. General-Purpose I/O Status Register (GPIOSR) [MMR Address 003Dh]
3.15 Device ID Register
A read-only memory-mapped register has been added to the 5407/5404 to allow user application software
to identify on which device the program is being executed.
15
8
Chip ID
R
7
43
0
Chip Revision
SUBSYSID
RR
LEGEND: R = Read, W = Write
Figure 3−25. Device ID Register (CSIDR) [MMR Address 003Eh]
Table 3−22. Device ID Register (CSIDR) Bit Functions
BIT
NO.
BIT
NAME
FUNCTION
15−8
Chip ID
Chip identification (hex code of 06 for 5407 and 03 for 5404)
7−4
Chip Revision
Chip revision identification
3−0
SUBSYSID
Subsystem identification (0000b for single core devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com