Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 96Page - Texas Instruments TMS320VC5407 Datasheet HTML 97Page - Texas Instruments TMS320VC5407 Datasheet HTML 98Page - Texas Instruments TMS320VC5407 Datasheet HTML 99Page - Texas Instruments TMS320VC5407 Datasheet HTML 100Page - Texas Instruments TMS320VC5407 Datasheet HTML 101Page - Texas Instruments TMS320VC5407 Datasheet HTML 102Page - Texas Instruments TMS320VC5407 Datasheet HTML 103Page - Texas Instruments TMS320VC5407 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 110 page
background image
Electrical Specifications
100
November 2001 − Revised April 2004
SPRS007D
5.15 Host-Port Interface Timing
5.15.1
HPI8 Mode
Table 5−33 and Table 5−34 assume testing over recommended operating conditions and P = 0.5 * processor
clock (see Figure 5−28 through Figure 5−31). In the following tables, DS refers to the logical OR of HCS,
HDS1, and HDS2. HD refers to any of the HPI data bus pins (HD0, HD1, HD2, etc.). HAD stands for HCNTL0,
HCNTL1, and HR/W.
Table 5−33. HPI8 Mode Timing Requirements
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HBIL valid before DS low (when HAS is not used), or HBIL valid before HAS
low
6
ns
th(DSL-HBV)
Hold time, HBIL valid after DS low (when HAS is not used), or HBIL valid after HAS low
3
ns
tsu(HSL-DSL)
Setup time, HAS low before DS low
8
ns
tw(DSL)
Pulse duration, DS low
13
ns
tw(DSH)
Pulse duration, DS high
7
ns
tsu(HDV-DSH)
Setup time, HD valid before DS high, HPI write
3
ns
th(DSH-HDV)W
Hold time, HD valid after DS high, HPI write
2
ns
tsu(GPIO-COH)
Setup time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
3
ns
th(GPIO-COH)
Hold time, HDx input valid before CLKOUT high, HDx configured as general-purpose input
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com