Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5407 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5407
Description  Fixed-Point Digital Signal Processors
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5407 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS320VC5407 Datasheet HTML 102Page - Texas Instruments TMS320VC5407 Datasheet HTML 103Page - Texas Instruments TMS320VC5407 Datasheet HTML 104Page - Texas Instruments TMS320VC5407 Datasheet HTML 105Page - Texas Instruments TMS320VC5407 Datasheet HTML 106Page - Texas Instruments TMS320VC5407 Datasheet HTML 107Page - Texas Instruments TMS320VC5407 Datasheet HTML 108Page - Texas Instruments TMS320VC5407 Datasheet HTML 109Page - Texas Instruments TMS320VC5407 Datasheet HTML 110Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 109 / 110 page
background image
Mechanical Data
109
November 2001 − Revised April 2004
SPRS007D
6.2
Low-Profile Quad Flatpack Mechanical Data
PGE (S-PQFP-G144)
PLASTIC QUAD FLATPACK
4040147/ C 10/96
0,27
72
0,17
37
73
0,13 NOM
0,25
0,75
0,45
0,05 MIN
36
Seating Plane
Gage Plane
108
109
144
SQ
SQ
22,20
21,80
1
19,80
17,50 TYP
20,20
1,35
1,45
1,60 MAX
M
0,08
0°−7°
0,08
0,50
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-136
Figure 6−2. TMS320VC5407/TMS320VC5404 144-Pin Low-Profile Quad Flatpack (PGE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com