Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 104Page - Texas Instruments TMS320DM642 Datasheet HTML 105Page - Texas Instruments TMS320DM642 Datasheet HTML 106Page - Texas Instruments TMS320DM642 Datasheet HTML 107Page - Texas Instruments TMS320DM642 Datasheet HTML 108Page - Texas Instruments TMS320DM642 Datasheet HTML 109Page - Texas Instruments TMS320DM642 Datasheet HTML 110Page - Texas Instruments TMS320DM642 Datasheet HTML 111Page - Texas Instruments TMS320DM642 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
www.ti.com
HOLD
HOLDA
EMIF Bus (A)
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
DM642
DM642
1
3
2
5
4
AECLKOUTx(B)
(EKxHZ = 0)
AECLKOUTx(B)
(EKxHZ = 1)
6
7
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
5.8.3.4
HOLD/HOLDA Timing
Table 5-28. Timing Requirements for the HOLD/HOLDA Cycles for EMIFA Module
(1) (see Figure 5-30)
–600
–500, A-600
–720
NO.
UNIT
MIN
MAX
MIN
MAX
3
th(HOLDAL-HOLDL)
Hold time, HOLD low after HOLDA low
E
E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
Table 5-29. Switching Characteristics Over Recommended Operating Conditions for the HOLD/HOLDA
Cycles for EMIFA Module
(1) (2) (3) (see Figure 5-30)
–600
–500, A-600
–720
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIFA Bus high impedance
2E
(4)
2E
(4)
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
0
2E
0
2E
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E
7E
2E
7E
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIFA Bus low impedance to HOLDA high
0
2E
0
2E
ns
6
td(HOLDL-EKOHZ)
Delay time, HOLD low to AECLKOUTx high impedance
2E
(4)
2E
(4)
ns
7
td(HOLDH-EKOLZ)
Delay time, HOLD high to AECLKOUTx low impedance
2E
7E
2E
7E
ns
(1)
E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA.
(2)
EMIFA Bus consists of: ACE[3:0], ABE[7:0], AED[63:0], AEA[22:3], AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and
AAWE/ASDWE/ASWE, ASDCKE, ASOE3, and APDT.
(3)
The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ =
0, ECLKOUTx continues clocking during Hold mode. If
EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 5-30.
(4)
All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the
minimum delay time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
A.
EMIFA
Bus
consists
of:
ACE[3:0],
ABE[7:0],
AED[63:0],
AEA[22:3],
AARE/ASDCAS/ASADS/ASRE,
AAOE/ASDRAS/ASOE, and AAWE/ASDWE/ASWE, ASDCKE, ASOE3, and APDT.
B.
The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during
HOLDA. If EKxHZ = 0, ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high
impedance during Hold mode, as shown in Figure 5-30.
Figure 5-30. HOLD/HOLDA Timing for EMIFA
108
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com