Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 100Page - Texas Instruments TMS320DM642 Datasheet HTML 101Page - Texas Instruments TMS320DM642 Datasheet HTML 102Page - Texas Instruments TMS320DM642 Datasheet HTML 103Page - Texas Instruments TMS320DM642 Datasheet HTML 104Page - Texas Instruments TMS320DM642 Datasheet HTML 105Page - Texas Instruments TMS320DM642 Datasheet HTML 106Page - Texas Instruments TMS320DM642 Datasheet HTML 107Page - Texas Instruments TMS320DM642 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 178 page
background image
www.ti.com
AECLKOUTx
ACEx
ABE[7:0]
AEA[12:3]
AED[63:0]
AAOE/ASDRAS/ASOE (A)
AARE/ASDCAS/ASADS/ASRE (A)
AAWE/ASDWE/ASWE(A)
AEA13
AEA[22:14]
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
11
8
9
5
5
5
4
2
11
8
9
4
4
2
1
10
3
4
WRITE
APDT (B)
14
14
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
AARE/ASDCAS/ASADS/ASRE, AAWE/ASDWE/ASWE, and AAOE/ASDRAS/ASOE operate as ASDCAS, ASDWE,
and ASDRAS, respectively, during SDRAM accesses.
B.
APDT signal is only asserted when the EDMA is in PDT mode (set the PDTD bit to 1 in the EDMA options parameter
RAM). For APDT write, data is not driven (in High-Z). The PDTWL field in the PDT control register (PDTCTL)
configures the latency of the APDT signal with respect to the data phase of a write transaction. The latency of the
APDT signal for a write transaction can be programmed to 0, 1, 2, or 3 by setting PDTWL to 00, 01, 10, or 11,
respectively. PDTWL equals 00 (zero latency) in Figure 5-23.
Figure 5-23. SDRAM Write Command for EMIFA
104
DM642 Peripheral Information and Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com