Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 99Page - Texas Instruments TMS320DM642 Datasheet HTML 100Page - Texas Instruments TMS320DM642 Datasheet HTML 101Page - Texas Instruments TMS320DM642 Datasheet HTML 102Page - Texas Instruments TMS320DM642 Datasheet HTML 103Page - Texas Instruments TMS320DM642 Datasheet HTML 104Page - Texas Instruments TMS320DM642 Datasheet HTML 105Page - Texas Instruments TMS320DM642 Datasheet HTML 106Page - Texas Instruments TMS320DM642 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 178 page
background image
www.ti.com
AECLKOUTx
ACEx
ABE[7:0]
AEA[12:3]
AED[63:0]
AEA13
AAOE/ASDRAS/ASOE (A)
AARE/ASDCAS/ASADS/ASRE (A)
AAWE/ASDWE/ASWE(A)
AEA[22:14]
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
8
7
6
5
5
5
1
3
2
8
4
4
4
1
READ
APDT (B)
14
14
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
AARE/ASDCAS/ASADS/ASRE, AAWE/ASDWE/ASWE, and AAOE/ASDRAS/ASOE operate as ASDCAS, ASDWE,
and ASDRAS, respectively, during SDRAM accesses.
B.
APDT signal is only asserted when the EDMA is in PDT mode (set the PDTS bit to 1 in the EDMA options parameter
RAM). For APDT read, data is not latched into EMIF. The PDTRL field in the PDT control register (PDTCTL)
configures the latency of the APDT signal with respect to the data phase of a read transaction. The latency of the
APDT signal for a read can be programmed to 0, 1, 2, or 3 by setting PDTRL to 00, 01, 10, or 11, respectively.
PDTRL equals 00 (zero latency) in Figure 5-22.
Figure 5-22. SDRAM Read Command (CAS Latency 3) for EMIFA
DM642 Peripheral Information and Electrical Specifications
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com