Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM642 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM642
Description  Video/Imaging Fixed-Point Digital Signal Processor
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM642 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320DM642 Datasheet HTML 97Page - Texas Instruments TMS320DM642 Datasheet HTML 98Page - Texas Instruments TMS320DM642 Datasheet HTML 99Page - Texas Instruments TMS320DM642 Datasheet HTML 100Page - Texas Instruments TMS320DM642 Datasheet HTML 101Page - Texas Instruments TMS320DM642 Datasheet HTML 102Page - Texas Instruments TMS320DM642 Datasheet HTML 103Page - Texas Instruments TMS320DM642 Datasheet HTML 104Page - Texas Instruments TMS320DM642 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 178 page
background image
www.ti.com
AECLKOUTx
ACEx
ABE[7:0]
AEA[22:3]
AED[63:0]
AARE/ASDCAS/ASADS/ASRE (C)
AAOE/ASDRAS/ASOE (C)
AAWE/ASDWE/ASWE(C)
BE1
BE2
BE3
BE4
Q1
Q2
Q3
11
3
12
10
4
2
1
8
5
8
EA1
EA2
EA3
EA4
10
Write
Latency =
1 (B)
1
Q4
12
TMS320DM642
Video/Imaging Fixed-Point Digital Signal Processor
SPRS200J – JULY 2002 – REVISED AUGUST 2005
A.
The write latency and the length of ACEx assertion are programmable via the SYNCWL and CEEXT fields,
respectively, in the EMIFA CE Space Secondary Control register (CExSEC). In this figure, SYNCWL = 1 and
CEEXT = 0.
B.
The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC):
•
Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
•
Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
•
ACEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, ACEx goes inactive after the
final command has been issued (CEEXT = 0). For synchronous FIFO interface with glue, ACEx is active when
ASOE is active (CEEXT = 1).
•
Function of ASADS/ASRE (RENEN): For standard SBSRAM or ZBT SRAM interface, ASADS/ASRE acts as
ASADS with deselect cycles (RENEN = 0). For FIFO interface, ASADS/ASRE acts as ASRE with NO deselect
cycles (RENEN = 1).Function of ASADS/ASRE (RENEN): For standard SBSRAM or ZBT SRAM interface,
ASADS/ASRE acts as ASADS with deselect cycles (RENEN = 0). For FIFO interface, ASADS/ASRE acts as
ASRE with NO deselect cycles (RENEN = 1).
•
Synchronization clock (SNCCLK): Synchronized to ECLKOUT1 or ECLKOUT2
C.
AARE/ASDCAS/ASADS/ASRE, AAOE/ASDRAS/ASOE, and AAWE/ASDWE/ASWE operate as ASADS/ASRE,
ASOE, and ASWE, respectively, during programmable synchronous interface accesses.
Figure 5-21. Programmable Synchronous Interface Write Timing for EMIFA (With Write Latency = 1) (A)(B)
DM642 Peripheral Information and Electrical Specifications
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com