Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 79 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 79 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 75Page - Intel Corporation 82801AB Datasheet HTML 76Page - Intel Corporation 82801AB Datasheet HTML 77Page - Intel Corporation 82801AB Datasheet HTML 78Page - Intel Corporation 82801AB Datasheet HTML 79Page - Intel Corporation 82801AB Datasheet HTML 80Page - Intel Corporation 82801AB Datasheet HTML 81Page - Intel Corporation 82801AB Datasheet HTML 82Page - Intel Corporation 82801AB Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 414 page
background image
82801AA and 82801AB Datasheet
5-29
Functional Description
5.7.5
Masking Interrupts
Masking on an Individual Interrupt Request
Each interrupt request can be masked individually by the Interrupt Mask Register (IMR). This
register is programmed through OCW1. Each bit in the IMR masks one interrupt channel. Masking
IRQ2 on the master controller masks all requests for service from the slave controller.
Special Mask Mode
Some applications may require an interrupt service routine to dynamically alter the system priority
structure during its execution under software control. For example, the routine may wish to inhibit
lower priority requests for a portion of its execution but enable some of them for another portion.
The Special Mask Mode enables all interrupts not masked by a bit set in the Mask Register.
Normally, when an interrupt service routine acknowledges an interrupt without issuing an EOI to
clear the ISR bit, the interrupt controller inhibits all lower priority requests. In the Special Mask
Mode, any interrupts may be selectively enabled by loading the Mask Register with the appropriate
pattern. The special Mask Mode is set by OCW3 where: SSMM=1, SMM=1, and cleared where
SSMM=1, SMM=0.
5.7.6
Steering PCI Interrupts
The ICH can be programmed to allow PIRQA#-PIRQD# to be internally routed to interrupts 3-7,
9-12, 14 or 15. The assignment is programmable through the PIRQx Route Control registers,
located at 60-63h in function 0. One or more PIRQx# lines can be routed to the same IRQx input. If
interrupt steering is not required, the Route Registers can be programmed to disable steering.
The PIRQx# lines are defined as active low, level sensitive to allow multiple interrupts on a PCI
Board to share a single line across the connector. When a PIRQx# is routed to specified IRQ line,
software must change the IRQ's corresponding ELCR bit to level sensitive mode. The ICH
internally inverts the PIRQx# line to send an active high level to the PIC. When a PCI interrupt is
routed onto the PIC, the selected IRQ can no longer be used by an ISA device (through SERIRQ).
However, active low non-ISA interrupts can share their interrupt with PCI interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com