Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 47 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 43Page - Intel Corporation 82801AB Datasheet HTML 44Page - Intel Corporation 82801AB Datasheet HTML 45Page - Intel Corporation 82801AB Datasheet HTML 46Page - Intel Corporation 82801AB Datasheet HTML 47Page - Intel Corporation 82801AB Datasheet HTML 48Page - Intel Corporation 82801AB Datasheet HTML 49Page - Intel Corporation 82801AB Datasheet HTML 50Page - Intel Corporation 82801AB Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 414 page
background image
82801AB and 82801AA Datasheet
3-5
Power Planes and Pin States
3.4
Integrated Pull-Ups and Pull-Downs
Table 3-4 shows the ICH signals that have integrated pull-up or pull-down resistors.
NOTES:
1. The pull-up or pull-down on this signal is only enabled at boot/reset for strapping function.
2. The pull-down resistor on this signal is only enabled when the ACLINK Shut Off bit in the AC’97 Global
Control Register (in AC’97 I/O space) is set to 1. At all other times, the pull-down resistor is disabled.
3.5
IDE Integrated Series Termination Resistors
Table 3-5 shows the ICH IDE signals that have integrated series termination resistors.
NOTES:
1. Simulation data indicates that these integrated series termination resistors are a nominal 33 ohms; they can
range from 28 ohms to 46 ohms.
2. Simulation data indicates that these integrated series termination resistors are a nominal 22 ohms; they can
range from 19 ohms to 29 ohms.
Table 3-4. Integrated Pull-Ups and Pull-Downs
Signal
Resistor Value
Resistor Type
PME#
9K ±3K
pull-up
PWRBTN#
9K ±3K
pull-up
LAD[3:0]# / FWH[3:0]#
9K ±3K
pull-up
SPKR1
22K ±4K
pull-up
AC_SDOUT1
22K ±4K
pull-down
AC_SDIN[1] / GPIO[9]2
22K ±4K
pull-down
AC_SDIN[0]2
22K ±4K
pull-down
AC_BITCLK2
22K ±4K
pull-down
Table 3-5. IDE Series Termination Resistors
Signal
Integrated Series Termination Resistor Value
Notes
PDD[15:0], SDD[15:0]
approximately 33 ohms
1
PDIOW#, SDIOW#, PDIOR#, PDIOW#,
PDREQ, SDREQ, PDDACK#, SDDACK#,
PIORDY, SIORDY, PDA[2:0], SDA[2:0],
PDCS1#, SDCS1#, PDCS3#, SDCS3#,
IRQ14, IRQ15
approximately 22 ohms
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com