Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 17 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 13Page - Intel Corporation 82801AB Datasheet HTML 14Page - Intel Corporation 82801AB Datasheet HTML 15Page - Intel Corporation 82801AB Datasheet HTML 16Page - Intel Corporation 82801AB Datasheet HTML 17Page - Intel Corporation 82801AB Datasheet HTML 18Page - Intel Corporation 82801AB Datasheet HTML 19Page - Intel Corporation 82801AB Datasheet HTML 20Page - Intel Corporation 82801AB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 414 page
background image
82801AA and 82801AB
Datasheet
xvii
12.1.13 SID—Subsystem ID Register (Audio—D31:F5).............................12-6
12.1.14 INTR_LN—Interrupt Line Register (Audio—D31:F5) .....................12-6
12.1.15 INTR_PN—Interrupt Pin Register (Audio—D31:F5) ......................12-7
12.2
AC’97 Audio I/O Space (D31:F5)................................................................12-7
12.2.1 x_BDBAR—Buffer Descriptor Base Address Register ................12-10
12.2.2 x_CIV—Current Index Value Register .........................................12-10
12.2.3 x_LVI—Last Valid Index Register ................................................12-10
12.2.4 x_SR—Status Register ................................................................12-11
12.2.5 x_PICB—Position In Current Buffer Register ..............................12-12
12.2.6 x_PIV—Prefetched Index Value Register ....................................12-12
12.2.7 x_CR—Control Register ..............................................................12-13
12.2.8 GLOB_CNT—Global Control Register.........................................12-14
12.2.9 GLOB_STA—Global Status Register ..........................................12-14
12.2.10 CAS—Codec Access Semaphore Register .................................12-16
13
AC ’97 Modem Controller Registers (D31:F6) .........................................................13-1
13.1
AC ’97 Modem PCI Configuration Space (D31:F6) ....................................13-1
13.1.1 VID—Vendor Identification Register (Modem—D31:F6) ...............13-2
13.1.2 DID—Device Identification Register (Modem—D31:F6) ................13-2
13.1.3 PCICMD—PCI Command Register (Modem—D31:F6) ................13-2
13.1.4 PCISTA—Device Status Register (Modem—D31:F6) ...................13-3
13.1.5 RID—Revision Identification Register (Modem—D31:F6) .............13-3
13.1.6 PI—Programming Interface Register (Modem—D31:F6) ..............13-3
13.1.7 SCC—Sub Class Code Register (Modem—D31:F6).....................13-4
13.1.8 BCC—Base Class Code Register (Modem—D31:F6) ...................13-4
13.1.9 HEDTYP—Header Type Register (Modem—D31:F6) ...................13-4
13.1.10 MMBAR—Modem Mixer Base Address Register
(Modem—D31:F6) .........................................................................13-5
13.1.11 MBAR—Modem Base Address Register (Modem—D31:F6) ........13-5
13.1.12 SVID—Subsystem Vendor ID (Modem—D31:F6) .........................13-6
13.1.13 SID—Subsystem ID (Modem—D31:F6) ........................................13-6
13.1.14 INTR_LN—Interrupt Line Register (Modem—D31:F6) ..................13-7
13.1.15 INT_PIN—Interrupt Pin (Modem—D31:F6) ...................................13-7
13.2
AC’97 Modem I/O Space (D31:F6) .............................................................13-8
13.2.1 x_BDBAR—Buffer Descriptor List Base Address Register ..........13-10
13.2.2 x_CIV—Current Index Value Register .........................................13-10
13.2.3 x_LVI—Last Valid Index Register ................................................13-10
13.2.4 x_SR—Status Register ................................................................13-11
13.2.5 x_PICB—Position In Current Buffer Register ..............................13-12
13.2.6 x_PIV—Prefetch Index Value Register ........................................13-12
13.2.7 x_CR—Control Register ..............................................................13-13
13.2.8 GLOB_CNT—Global Control Register.........................................13-14
13.2.9 GLOB_STA—Global Status Register ..........................................13-14
13.2.10 CAS—Codec Access Semaphore Register .................................13-15
14
Electrical Characteristics..........................................................................................14-1
14.1
Absolute Maximum Ratings ........................................................................14-1
14.2
Thermal Characteristics ..............................................................................14-1
14.3
D.C. Characteristics ....................................................................................14-1
14.4
A.C. Characteristics ....................................................................................14-6
14.5
Timing Diagrams.......................................................................................14-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com