Electronic Components Datasheet Search
  English  ▼

X  

82801AB Datasheet(PDF) 61 Page - Intel Corporation

Part # 82801AB
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AB Datasheet(HTML) 61 Page - Intel Corporation

Back Button 82801AB Datasheet HTML 57Page - Intel Corporation 82801AB Datasheet HTML 58Page - Intel Corporation 82801AB Datasheet HTML 59Page - Intel Corporation 82801AB Datasheet HTML 60Page - Intel Corporation 82801AB Datasheet HTML 61Page - Intel Corporation 82801AB Datasheet HTML 62Page - Intel Corporation 82801AB Datasheet HTML 63Page - Intel Corporation 82801AB Datasheet HTML 64Page - Intel Corporation 82801AB Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 414 page
background image
82801AA and 82801AB Datasheet
5-11
Functional Description
5.3.2
Address Compatibility Mode
Whenever the DMA is operating, the addresses do not increment or decrement through the High
and Low Page Registers. Therefore, if a 24 bit address is 01FFFFh and increments, the next address
is 010000h, not 020000h. Similarly, if a 24 bit address is 020000h and decrements, the next address
is 02FFFFh, not 01FFFFh. This is compatible with the 82C37 and Page Register implementation
used in the PC-AT. This mode is set after CPURST is valid.
5.3.3
Summary of DMA Transfer Sizes
Table 5-7 lists each of the DMA device transfer sizes. The column labeled "Current Byte/Word
Count Register" indicates that the register contents represents either the number of bytes to transfer
or the number of 16-bit words to transfer. The column labeled "Current Address Increment/
Decrement" indicates the number added to or taken from the Current Address register after each
DMA transfer cycle. The DMA Channel Mode Register determines if the Current Address Register
is incremented or decremented.
Address Shifting When Programmed for 16-Bit I/O Count by Words
The ICH maintains compatibility with the implementation of the DMA in the PC AT which used
the 82C37. The DMA shifts the addresses for transfers to/from a 16-bit device count-by-words.
Note that the least significant bit of the Low Page Register is dropped in 16-bit shifted mode. When
programming the Current Address Register (when the DMA channel is in this mode), the Current
Address must be programmed to an even address with the address value shifted right by one bit.
The address shifting is shown in Table 5-8.
NOTE: The least significant bit of the Page Register is dropped in 16-bit shifted mode.
Table 5-7. DMA Transfer Size
DMA Device Date Size And Word Count
Current Byte/Word Count
Register
Current Address
Increment/Decrement
8-Bit I/O, Count By Bytes
Bytes
1
16-Bit I/O, Count By Words (Address Shifted)
Words
1
Table 5-8. Address Shifting in 16-bit I/O DMA Transfers
Output
Address
8-Bit I/O Programmed Address
(Ch 0–3)
16-Bit I/O Programmed Address
(Ch 5–7)
(Shifted)
A0
A[16:1]
A[23:17]
A0
A[16:1]
A[23:17]
0
A[15:0]
A[23:17]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com